Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button MAX783C/D Datasheet HTML 15Page - Maxim Integrated Products MAX783C/D Datasheet HTML 16Page - Maxim Integrated Products MAX783C/D Datasheet HTML 17Page - Maxim Integrated Products MAX783C/D Datasheet HTML 18Page - Maxim Integrated Products MAX783C/D Datasheet HTML 19Page - Maxim Integrated Products MAX783C/D Datasheet HTML 20Page - Maxim Integrated Products MAX783C/D Datasheet HTML 21Page - Maxim Integrated Products MAX783C/D Datasheet HTML 22Page - Maxim Integrated Products MAX783C/D Datasheet HTML 23Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Triple-Output Power-Supply Controller
for Notebook Computers
______________________________________________________________________________________
19
Table 3. Surface-Mount Components
(See Figure 1 for schematic and Table 4 for manufacturers' telephone numbers.)
Note 1: Four IRF7101s total; each device has both sections connected in parallel.
Note 2: These transformers have different sizes and pinouts. The MAX783 EV kit has the correct pad layout for the TTI5902 trans-
former, but all the transformers listed can be wired in easily.
Table 4. Surface-Mount Component Suppliers
Company
USA Phone
[ 1 ] 207-283-1941
[ 1 ] 516-435-1824
[ 1 ] 407-241-9339
[ 1 ] 310-322-3332
[ 1 ] 512-992-3377
[ 1 ] 404-736-3030
[81] 3-3494-7414
[ 1 ] 508-339-5063
[81] 3-3607-5428
[ 1 ] 702-831-3521
(207) 282-5111
(800) 282-4975
(516) 435-1110
(407) 241-7876
(310) 322-3331
(512) 992-7900
(404) 736-1300
(805) 867-2555*
(508) 339-8900
(708) 956-0666
(702) 831-0140
Factory Fax
[country code]
*Distributor
AVX
Central Semi
Coiltronics
International Rectifier
IRC
Murata-Erie
Nihon
Sprague
Sumida
Transpower Tech.
COMPONENT
TYPE
MANUFACTURER
PART NUMBER
C1, C2
33µF, 35V tantalum
Sprague
595D336X0035R2B
C3, C4
330µF, 10V tantalum
Sprague
595DD337X0010R2B
C5, C6
150µF, 10V tantalum
Sprague
595D157X0010D2B
C7
4.7µF 16V tantalum
Sprague
595D475X0016A
C8, C9, C15
1µF, 20V tantalum
Sprague
595D105X0020T
C10, C11
0.1µF, 16V tantalum
Murata-Erie
GRM42-6X7R104K50V
C12
2.2µF, 25V tantalum
Sprague
595D225X0025B
C13, C14
0.01µF, ceramic
Murata-Erie
GRM42-6X7R103K50V
D1
Dual low-power Schottky
Central Semiconductor
CMPSH-3A
D3
Fast silicon rectifier
Nihon
EC11FS1
D2, D5
1N5819 Schottky
Nihon
EC10QS04
D6
18V, 100mW zener diode
Central Semiconductor
CMPZ5248
R1
0.025
Ω SMT resistor
IRC
LR2010-01-R025-F
R2
0.02
Ω SMT resistor
IRC
LR2010-01-R020-F
N1-N4
N-channel MOSFETs
International Rectifier
IRF7101 (Note 1)
L1
10µH, 2.5A inductor
Sumida
CDR125-100
L2
10µH, 1:4 transformer (Note 2)
Transpower
TTI5897 (for 3.3V at 1A)
33µF, 25V tantalum
Transpower
TTI5902 (for 3.3V at 3A)
AVX
TPSE336M025R0300
Coiltronics
CTX03-12210 (for 3.3V at 2A)
330µF, 6.3V tantalum
AVX
TPSE337M006R0100
220µF, 10V tantalum
AVX
TPSE227M010R0100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com