Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX783C/D Datasheet HTML 11Page - Maxim Integrated Products MAX783C/D Datasheet HTML 12Page - Maxim Integrated Products MAX783C/D Datasheet HTML 13Page - Maxim Integrated Products MAX783C/D Datasheet HTML 14Page - Maxim Integrated Products MAX783C/D Datasheet HTML 15Page - Maxim Integrated Products MAX783C/D Datasheet HTML 16Page - Maxim Integrated Products MAX783C/D Datasheet HTML 17Page - Maxim Integrated Products MAX783C/D Datasheet HTML 18Page - Maxim Integrated Products MAX783C/D Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
+5V Inductor (L1)
Three inductor parameters are required: the inductance
value (L), the peak inductor current (ILPEAK), and the
coil resistance (RL). The inductance is:
(VOUT) (VIN(MAX) - VOUT)
L = ———————————
(VIN(MAX)) (f) (IOUT) (LIR)
where:
VOUT = output voltage, 5V
VIN(MAX) = maximum input voltage (V)
f = switching frequency, normally 300kHz
IOUT = maximum +5V DC load current (A)
LIR = ratio of inductor peak-to-peak AC
current to average DC load current, typically 0.3.
A higher value of LIR allows smaller inductance, but
results in higher losses and higher ripple.
The highest peak inductor current (ILPEAK) equals the
DC load current (IOUT) plus half the peak-to-peak AC
inductor current (ILPP). The peak-to-peak AC inductor
current is typically chosen as 30% of the maximum DC
load current, so the peak inductor current is 1.15 times
IOUT.
The peak inductor current at full load is given by:
(VOUT) (VIN(MAX) - VOUT)
ILPEAK = IOUT + ———————————
(2) (f) (L) (VIN(MAX))
The coil resistance should be as low as possible,
preferably in the low milliohms. The coil is effectively in
series with the load at all times, so the wire losses alone
are approximately:
Power loss = (IOUT2)(RL)
In general, select a standard inductor that meets the L,
ILPEAK, and RL requirements (see Tables 3 and 4). If a
standard inductor is unavailable, choose a core with an
LI2 parameter greater than (L)(ILPEAK2), and use the
largest wire that will fit the core.
+3.3V Transformer (L2)
Table 3 lists two commercially available transformers
and parts for a custom transformer. The following
instructions show how to determine the transformer
parameters required for a custom design:
LP, the primary inductance value
ILPEAK, the peak primary current
LI2, the core’s energy rating
RP and RS, the primary and secondary resistances
N, the primary-to-secondary turns ratio.
The transformer primary is specified just as the +5V
inductor, using VOUT = +3.3V; but the secondary output
(VDD)
power must be added in as if it were part of the
primary. VDD current (IDD) usually includes the VPPA
and VPPB output currents. The total +3.3V power,
PTOTAL, is the sum of these powers:
PTOTAL = P3 + PDD
where:
P3 = (VOUT) (IOUT);
PDD = (VDD) (IDD);
and:
VOUT = output voltage, 3.3V;
IOUT = maximum +3.3V load current (A);
VDD = VDD output voltage, 15V;
IDD = maximum VDD load current (A);
so:
PTOTAL = (3.3V x IOUT) + (15V x IDD)
and the equivalent +3.3V output current, ITOTAL, is:
ITOTAL = PTOTAL / 3.3V
= [(3.3V x IOUT) + (15V x IDD)] / 3.3V.
The primary inductance, LP, is given by:
(VOUT) (VIN(MAX) - VOUT)
LP = —————————————
(VIN(MAX)) (f) (ITOTAL) (LIR)
where:
VIN(MAX) = maximum input voltage
f = switching frequency, normally 300kHz
ITOTAL = maximum equivalent load current (A)
LIR = ratio of primary peak-to-peak AC
current to average DC load current, typically 0.3.
The highest peak primary current (ILPEAK) equals the
total DC load current (ITOTAL) plus half the peak-to-peak
AC primary current (ILPP). The peak-to-peak AC primary
current is typically chosen as 30% of the maximum DC
load current, so the peak primary current is 1.15 times
ITOTAL. A higher value of LIR allows smaller inductance,
but results in higher losses and higher ripple.
The peak current in the primary at full load is given by:
(VOUT) (VIN(MAX) - VOUT)
ILPEAK = ITOTAL + —————————————.
(2) (f) (LP) (VIN(MAX))
Choose a core with an LI2 parameter greater than
(LP) (ILPEAK2).
The winding resistances, RP and RS, should be as low
as possible, preferably in the low milliohms. Use the
largest gauge wire that will fit on the core. The coil is
effectively in series with the load at all times, so the
resistive losses in the primary winding alone are
approximately (ITOTAL)2 (RP).
The minimum turns ratio, NMIN, is 3.3V:(15V-3.3V). Use
1:4 to accommodate the tolerance of the +3.3V supply. A
greater ratio will reduce efficiency of the VPP regulators.
Minimize the diode capacitance and the interwinding
capacitance, since they create losses through the
VDD shunt regulator. These are most significant when
the input voltage is high, the +3.3V load is heavy, and
there is no load on VDD.
Triple-Output Power-Supply Controller
for Notebook Computers
______________________________________________________________________________________
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com