Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX783C/D Datasheet HTML 7Page - Maxim Integrated Products MAX783C/D Datasheet HTML 8Page - Maxim Integrated Products MAX783C/D Datasheet HTML 9Page - Maxim Integrated Products MAX783C/D Datasheet HTML 10Page - Maxim Integrated Products MAX783C/D Datasheet HTML 11Page - Maxim Integrated Products MAX783C/D Datasheet HTML 12Page - Maxim Integrated Products MAX783C/D Datasheet HTML 13Page - Maxim Integrated Products MAX783C/D Datasheet HTML 14Page - Maxim Integrated Products MAX783C/D Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Triple-Output Power-Supply Controller
for Notebook Computers
______________________________________________________________________________________
11
SHOOT-
THROUGH
CONTROL
R
Q
60kHz
LPF
MINIMUM
CURRENT
(IDLE-MODE)
25mV
R
Q
LEVEL
SHIFT
1
µs
SINGLE-SHOT
1X
MAIN PWM
COMPARATOR
OSC
LEVEL
SHIFT
CURRENT
LIMIT
VL
30R
1R
3.3V
4
µA
SYNCHRONOUS
RECTIFIER CONTROL
0mV–100mV
REF, 3.3V
(OR INTERNAL
5V REFERENCE)
SS_
ON_
-100mV
VDD REG
(SEE FIG. 2)
CS_
FB_
BST_
DH_
LX_
VL
DL_
PGND
S
S
SLOPE COMP
N
N
N
MAX783
Figure 3. PWM Controller Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com