Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 28 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 28 Page - Maxim Integrated Products

Back Button MAX783C/D Datasheet HTML 20Page - Maxim Integrated Products MAX783C/D Datasheet HTML 21Page - Maxim Integrated Products MAX783C/D Datasheet HTML 22Page - Maxim Integrated Products MAX783C/D Datasheet HTML 23Page - Maxim Integrated Products MAX783C/D Datasheet HTML 24Page - Maxim Integrated Products MAX783C/D Datasheet HTML 25Page - Maxim Integrated Products MAX783C/D Datasheet HTML 26Page - Maxim Integrated Products MAX783C/D Datasheet HTML 27Page - Maxim Integrated Products MAX783C/D Datasheet HTML 28Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Triple-Output Power-Supply Controller
for Notebook Computers
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
28 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
L
DIM
A
A1
B
C
D
E
e
H
L
α
MIN
0.094
0.004
0.011
0.009
0.604
0.292
0.398
0.020
0˚
MAX
0.104
0.011
0.017
0.012
0.610
0.298
0.416
0.035
8˚
MIN
2.39
0.10
0.30
0.23
15.34
7.42
10.10
0.51
0˚
MAX
2.64
0.28
0.44
0.32
15.49
7.57
10.57
0.89
8˚
INCHES
MILLIMETERS
α
36-PIN PLASTIC
SHRINK
SMALL-OUTLINE
PACKAGE
H
E
D
A
A1
C
0.127mm
0.004in.
B
0.80 BSC
0.032 BSC
21-0032A
e
________________________________________________________Package Information
___________________Chip Topography
_Ordering Information (continued)
LX5
BST5
SYNC
D2
DA0
DA1
0.181"
(4.597mm)
0.132"
(3.353mm)
DB0
DB1
SS5
DH5
ON5
CS5
DL5
PGND
FB5
VL
V+
DL3
BST3
LX3
REF
GND
VPPB
VDD
VPPA
RDY5
Q1
Q2
VH
D1
SHDN
ON3
SS3
CS3
FB3
DH3
TRANSISTOR COUNT: 1569
SUBSTRATE CONNECTED TO GND
* Dice are specified at +25°C only.
3.45V
3.6V
MAX783REBX
-40°C to +85°C
36 SSOP
MAX783SEBX
-40°C to +85°C
36 SSOP
VOUT
3.6V
—
3.3V
PART
TEMP. RANGE
PIN-PACKAGE
MAX783SCBX
0°C to +70°C
36 SSOP
MAX783C/D
0°C to +70°C
Dice*
MAX783EBX
-40°C to +85°C
36 SSOP
EV KIT
TEMP. RANGE
BOARD TYPE
0°C to +70°C
Surface Mount
MAX783EVKIT-SO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com