Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX783C/D Datasheet HTML 2Page - Maxim Integrated Products MAX783C/D Datasheet HTML 3Page - Maxim Integrated Products MAX783C/D Datasheet HTML 4Page - Maxim Integrated Products MAX783C/D Datasheet HTML 5Page - Maxim Integrated Products MAX783C/D Datasheet HTML 6Page - Maxim Integrated Products MAX783C/D Datasheet HTML 7Page - Maxim Integrated Products MAX783C/D Datasheet HTML 8Page - Maxim Integrated Products MAX783C/D Datasheet HTML 9Page - Maxim Integrated Products MAX783C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Triple-Output Power-Supply Controller
for Notebook Computers
6
_______________________________________________________________________________________
ILOAD = 2A
+5V LINE-TRANSIENT RESPONSE, FALLING
VIN, 16V TO 10V
2V/div
+5V OUTPUT
50mV/div
20
µs/div
VIN = 15V
+5V LOAD-TRANSIENT RESPONSE
+5V OUTPUT
50mV/div
3A
0A
LOAD CURRENT
200
µs/div
ILOAD = 2A
+5V LINE-TRANSIENT RESPONSE, RISING
VIN, 10V TO 16V
2V/div
+5V OUTPUT
50mV/div
20
µs/div
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, Transpower TTI5902 transformer, TA = +25°C, unless otherwise noted.)
30
10
100
OUTPUT NOISE SPECTRUM
FREQUENCY (kHz)
-30
-10
10
-20
0
20
1
VIN = 10V
VOUT = 5V
IOUT = 50mA
30
100k
1M
OUTPUT NOISE SPECTRUM
-50
FREQUENCY (Hz)
-30
-10
10
-60
-40
-20
0
20
10k
VIN = 8V TO 12V
(PLOTS SUPERIMPOSED)
VOUT = 5V
IOUT = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com