Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX783C/D Datasheet HTML 1Page - Maxim Integrated Products MAX783C/D Datasheet HTML 2Page - Maxim Integrated Products MAX783C/D Datasheet HTML 3Page - Maxim Integrated Products MAX783C/D Datasheet HTML 4Page - Maxim Integrated Products MAX783C/D Datasheet HTML 5Page - Maxim Integrated Products MAX783C/D Datasheet HTML 6Page - Maxim Integrated Products MAX783C/D Datasheet HTML 7Page - Maxim Integrated Products MAX783C/D Datasheet HTML 8Page - Maxim Integrated Products MAX783C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Triple-Output Power-Supply Controller
for Notebook Computers
2
_______________________________________________________________________________________
V+ to GND .................................................................-0.3V, +36V
PGND to GND........................................................................±2V
VL to GND ...................................................................-0.3V, +7V
BST3, BST5 to GND ..................................................-0.3V, +36V
LX3 to BST3.................................................................-7V, +0.3V
LX5 to BST5.................................................................-7V, +0.3V
Inputs/Outputs to GND
(D1, D2, S
—
H
—
D
—
N
–
, ON5, REF, SYNC, DA1, DA0, DB1, DB0, ON5,
SS5, CS5, FB5, R
—
D
—
Y
—
5
–
, CS3, FB3, SS3, ON3).-0.3V, (VL + 0.3V)
VDD to GND.................................................................-0.3V, 20V
VPPA, VPPB to GND.....................................-0.3V, (VDD + 0.3V)
VH to GND ...................................................................-0.3V, 20V
Q1, Q2 to GND................................................-0.3V, (VH + 0.3V)
DL3, DL5 to PGND..........................................-0.3V , (VL + 0.3V)
DH3 to LX3 ..................................................-0.3V, (BST3 + 0.3V)
DH5 to LX5 ..................................................-0.3V, (BST5 + 0.3V)
REF, VL, VPP Short to GND........................................Momentary
REF Current.........................................................................20mA
VL Current ...........................................................................50mA
VPPA, VPPB Current .........................................................100mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 11.76mW/°C above +70°C) ...................762mW
Operating Temperature Ranges:
MAX783CBX/MAX783_CBX.................................0°C to +70°C
MAX783EBX/MAX783_EBX ..............................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0mA, S
—
H
—
D
—
N
–
= ON3 = ON5 = 5V, other digital input levels are 0V or +5V,
TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
VDD = 18V, ON3 = ON5 = 5V, VPPA/VPPB programmed to
0V
0mV < (CS5-FB5) < 70mV, 6V < V + < 30V
(includes load and line regulation)
Program to 0V, 13V < VDD < 19V, 0mA < IL < 0.3mA
Program to 3.3V, 13V < VDD < 19V, 0mA < IL < 60mA
Program to 5V, 13V < VDD < 19V, 0mA < IL < 60mA
Program to 12V, 13V < VDD < 19V, 0mA < IL < 60mA
VDD = 18V, ON3 = ON5 = 5V, VPPA/VPPB programmed to
12V with no external load
VDD = 20V
CS3-FB3 (VDD < 13V, flyback mode)
Either controller (0mV to 70mV)
Either controller (6V to 30V)
Rising edge, hysteresis = 1%
CS3-FB3 or CS5-FB5
Falling edge, hysteresis = 1%
CONDITIONS
V
4.80
5.08
5.20
-0.30
0.30
FB5 Output Voltage
3.17
3.30
3.43
V
5.5
30
4.85
5.05
5.20
V
11.60
12.10
12.50
VPPA/VPPB Output Voltage
Input Supply Range
µA
15
30
Off VDD Current
µA
mA
140
300
2
SS3/SS5 Fault Sink Current
Quiescent VDD Current
mA
23
µA
2.5
4.0
6.5
SS3/SS5 Source Current
-50
-100
-160
VDD Shunt Current
%
V
2.5
Load Regulation
%/V
0.03
18
20
Line Regulation
mV
VDD Shunt Setpoint
80
100
120
V
Current-Limit Voltage
UNITS
13
14
MIN
TYP
MAX
VDD Regulation Setpoint
PARAMETER
3.17
3.35
3.46
3.32
3.50
3.60
0mV < (CS3-FB3) < 70mV, 6V < V + < 30V
(includes load and line regulation)
V
3.46
3.65
3.75
FB3 Output Voltage
MAX783
MAX783R
MAX783S
3.3V AND 5V STEP-DOWN CONTROLLERS
15V FLYBACK CONTROLLER
PCMCIA REGULATORS (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com