Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX783C/D Datasheet HTML 1Page - Maxim Integrated Products MAX783C/D Datasheet HTML 2Page - Maxim Integrated Products MAX783C/D Datasheet HTML 3Page - Maxim Integrated Products MAX783C/D Datasheet HTML 4Page - Maxim Integrated Products MAX783C/D Datasheet HTML 5Page - Maxim Integrated Products MAX783C/D Datasheet HTML 6Page - Maxim Integrated Products MAX783C/D Datasheet HTML 7Page - Maxim Integrated Products MAX783C/D Datasheet HTML 8Page - Maxim Integrated Products MAX783C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Triple-Output Power-Supply Controller
for Notebook Computers
4
_______________________________________________________________________________________
Note 1: Output current is further limited by maximum allowable package power dissipation.
Note 2: Because the reference uses VL as its supply, the REF line regulation error is insignificant.
Note 3: The main switching outputs track the reference voltage. Loading the reference reduces the main outputs slightly according
to the closed-loop gain (AVCL) and the reference voltage load regulation error. AVCL for the +3.3V supply is unity gain.
AVCL for the +5V supply is 1.54.
50
1m
60
100
10
80
70
10m
1
90
100m
+5V OUTPUT CURRENT (A)
EFFICIENCY vs.
+5V OUTPUT CURRENT
V+ = 15V
N1-N4 = IRF7101
ON3 = LOW
F = 200kHz
V+ = 6V
50
1m
60
100
10
80
70
10m
1
90
100m
+3.3V OUTPUT CURRENT (A)
EFFICIENCY vs.
+3.3V OUTPUT CURRENT
V+ = 15V
N1-N4 = IRF7101
ON3 = ON5 = HIGH
F = 200kHz
V+ = 6V
500
0
05
20
MAXIMUM +15V VDD OUTPUT CURRENT vs.
SUPPLY VOLTAGE
100
200
SUPPLY VOLTAGE (V)
10
15
VDD > +13V
+3.3V REGULATING
+3.3V LOAD = 0A
+3.3V LOAD = 3A
300
400
QUIESCENT SUPPLY CURRENT vs.
SUPPLY VOLTAGE
0
1
2
13
14
0
6
12
18
24
30
SUPPLY VOLTAGE (V)
ON3 = ON5 = HIGH
STANDBY SUPPLY CURRENT vs.
SUPPLY VOLTAGE
0
0.5
1.0
1.5
2.0
2.5
0
6
12
18
24
30
ON3 = ON5 = 0V
SUPPLY VOLTAGE (V)
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, Transpower TTI5902 transformer, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
UNITS
DL3/DL5 Sink/Source Current
VOUT = 2V
1
A
DH3/DH5 Sink/Source Current
BST3-LX3 = BST5-LX5 = 4.5V, VOUT = 2V
1
A
DL3/DL5 On-Resistance
High or low
7
Ω
DH3/DH5 On-Resistance
High or low, BST3-LX3 = BST5-LX5 = 4.5V
7
Ω
MIN
TYP
MAX
ELECTRICAL CHARACTERISTICS (continued)
(V+ = 15V, GND = PGND = 0V, IVL = IREF = 0mA, S
—
H
—
D
—
N
–
= ON3 = ON5 = 5V, other digital input levels are 0V or +5V,
TA = TMIN to TMAX, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com