Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX783C/D Datasheet HTML 12Page - Maxim Integrated Products MAX783C/D Datasheet HTML 13Page - Maxim Integrated Products MAX783C/D Datasheet HTML 14Page - Maxim Integrated Products MAX783C/D Datasheet HTML 15Page - Maxim Integrated Products MAX783C/D Datasheet HTML 16Page - Maxim Integrated Products MAX783C/D Datasheet HTML 17Page - Maxim Integrated Products MAX783C/D Datasheet HTML 18Page - Maxim Integrated Products MAX783C/D Datasheet HTML 19Page - Maxim Integrated Products MAX783C/D Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Ensure the transformer secondary is connected with the
right polarity: A VDD supply will be generated with either
polarity, but proper operation is possible only with the cor-
rect polarity. Test for correct connection by observing the
phase relationship between the LX3 switching node and
the transformer secondary under load. The two wave-
forms must be 180° out of phase.
Current-Sense Resistors (R1, R2)
The sense resistors must carry the peak current in the
inductor, which exceeds the full DC load current.
The internal current limiting starts when the voltage
across the sense resistors exceeds 100mV nominally,
80mV minimum. Use the minimum value to ensure
adequate output current capability: For the +5V sup-
ply, R1 = 80mV / (1.15 x IOUT); for the +3.3V supply,
R2 = 80mV/(1.15 x ITOTAL), assuming that LIR = 0.3.
Since the sense resistance values (e.g., R1 = 25m
Ω for
IOUT = 3A) are similar to a few centimeters of narrow
traces on a printed circuit board, trace resistance can
contribute significant errors. To prevent this, Kelvin
connect the CS_ and FB_ pins to the sense resistors;
use separate traces not carrying any of the inductor or
load current, as shown in Figure 5. Run these traces
parallel at minimum spacing from one another. The
wiring layout for these traces is critical for stable, low-
ripple outputs (see the
Layout and Grounding section).
MOSFET Switches (N1-N4)
The four N-channel power MOSFETs are usually identi-
cal and must be “logic-level” FETs; that is, they must be
fully on (have low rDS(ON)) with only 4V gate-source
drive voltage. The MOSFET rDS(ON) should ideally be
about twice the value of the sense resistor. MOSFETs
with even lower rDS(ON) have higher gate capacitance,
which increases switching time and transition losses.
MOSFETs with low gate-threshold voltage specifica-
tions (i.e., maximum VGS(TH) = 2V rather than 3V) are
preferred, especially for high-current (5A) applications.
Output Filter Capacitors (C3–C6)
The output filter capacitors determine the loop stability
and output ripple voltage. To ensure stability, the mini-
mum capacitance and maximum ESR values are:
VREF
CF > —————————————
(VOUT) (RCS) (2) (π) (GBWP)
and,
(VOUT) (RCS)
ESRCF < ——————
VREF
where:
CF = output filter capacitance, C6 or C7 (F)
VREF = reference voltage, 3.3V
VOUT = output voltage, 3.3V or 5V
RCS = sense resistor (Ω)
GBWP = gain-bandwidth product, 60kHz
ESRCF = output filter capacitor ESR (Ω).
Be sure to select output capacitors that satisfy both the
minimum capacitance and maximum ESR require-
ments. To achieve the low ESR required, it may be
appropriate to use a capacitance value 2 or 3 times
larger than the calculated minimum.
The output ripple in continuous-current mode is:
VOUT(RPL) = (ILPP(MAX)) [(ESRCF+1/(2 x π x f x CF)].
In idle-mode, the ripple has a capacitive and resistive
component:
(4 x 10-4) (L)
VOUT(RPL)(C) = ——————— x
(RCS2) (CF)
1
1
(———+—————)Volts
VOUT
VIN - VOUT
(0.02) (ESRCF)
VOUT(RPL)(R) = ——————- Volts
RCS
The total ripple, VOUT(RPL), can be approximated as fol-
lows:
if VOUT(RPL)(R) < 0.5 VOUT(RPL)(C),
then VOUT(RPL) = VOUT(RPL)(C),
otherwise, VOUT(RPL) = 0.5 VOUT(RPL)(C) +
VOUT(RPL)(R).
Triple-Output Power-Supply Controller
for Notebook Computers
16 _______________________________________________________________________________________
MAX783
KELVIN SENSE TRACES
SENSE RESISTOR
MAIN CURRENT PATH
FAT, HIGH-CURRENT TRACES
Figure 5. Kelvin Connections for the Current-Sense Resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com