Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX783C/D Datasheet HTML 13Page - Maxim Integrated Products MAX783C/D Datasheet HTML 14Page - Maxim Integrated Products MAX783C/D Datasheet HTML 15Page - Maxim Integrated Products MAX783C/D Datasheet HTML 16Page - Maxim Integrated Products MAX783C/D Datasheet HTML 17Page - Maxim Integrated Products MAX783C/D Datasheet HTML 18Page - Maxim Integrated Products MAX783C/D Datasheet HTML 19Page - Maxim Integrated Products MAX783C/D Datasheet HTML 20Page - Maxim Integrated Products MAX783C/D Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Diode D3
The voltage rating of D3 should be at least 4 x VIN +
5V plus a safety margin. A rating of at least 100V is
necessary for the maximum 20V supply. Use a high-
speed silicon diode (with a higher breakdown voltage
and low capacitance) rather than a Schottky diode.
D3’s current rating should exceed twice the maximum
current load on VDD.
Diodes D2 and D5
Use 1N5819s or similar Schottky diodes. D2 and D5
conduct only about 3% of the time, so the 1N5819’s 1A
current rating is conservative. The voltage rating of D2
and D5 must exceed the maximum input supply volt-
age from the battery. These diodes must be Schottky
diodes to prevent the lossy MOSFET body diodes from
turning on, and they must be placed physically close to
their associated synchronous rectifier MOSFETs.
Soft-Start Capacitors (C13, C14)
A capacitor connected from GND to either SS pin caus-
es that supply to ramp up slowly. The ramp time to full
current limit, tSS, is approximately 1ms for every nF of
capacitance on SS_, with a minimum value of 10µs.
Typical capacitor values are in the 10nF to 100nF range.
Because this ramp is applied to the current-limit circuit,
the actual time for the output voltage to ramp up
depends on the load current and output capacitor
value. Using Figure 1’s circuit with a 2A load and no
SS capacitor, full output voltage is reached in less than
1ms after ON_ is driven high.
Bypass Capacitors
Input Filter Capacitors (C1, C2)
Use at least 3µF/W of output power for the input filter
capacitors, C1 and C2. They should have less than
150m
Ω ESR, and should be located no further than
10mm from N1 and N2 to prevent ringing. Connect the
negative terminals directly to PGND. Be careful not to
exceed the surge current ratings of the bypass capaci-
tors. If the battery pack or AC adapter has very low
output impedance, tantalum capacitors may be dam-
aged when initial connection is made. In this situation,
electrolytic capacitors such as Sanyo OS-CON may be
necessary. Also, take care that the RMS input current
of the MAX783 circuit does not exceed the bypass
capacitor ripple current rating. The RMS input current
(IRMS) can be calculated as shown below:
IRMS = RMS AC input current
————————
√V
OUT (VIN - VOUT)
= ILOAD
———————–——
VIN
Low-Voltage Operation
Low input voltages, such as the 6V end-of-life voltage
of a 6-cell NiCd battery, place extra demands on the
+5V buck regulator because of the very low input-out-
put differential voltage. The standard application cir-
cuit works well with supply voltages down to 6V; at
input voltages less than 6V, the +5V filter capacitor
values must be increased. If the minimum battery
voltage is 6.5V or higher, the 660µF total 5V filter
capacitance can be reduced to 330µF.
The +5V supply’s load-transient response is
impaired due to reduced inductor-current slew rate,
which is in turn caused by reduced voltage applied
across the buck inductor during the high-side
switch-on time. So, the +5V output sags when hit
with an abrupt load current change, unless the +5V
filter capacitor value is increased. Only the capaci-
tance is affected and ESR requirements don’t
change. Therefore, the added capacitance can be
supplied by an additional low-cost bulk capacitor in
parallel with the normal low-ESR switching-regulator
capacitor. The equation for voltage sag under a
step-load change follows:
(ISTEP2)(L)
VSAG = —————————————————
(2)(CF) (VIN(MIN) x DMAX - VOUT)
where DMAX is the maximum duty cycle. Higher duty
cycles are possible when the oscillator frequency is
reduced to 200kHz, due to fixed propagation delays
through the PWM comparator becoming a lesser part of
the whole period. The tested worst-case limit for DMAX
is 92% at 200kHz. Lower inductance values can reduce
the filter capacitance requirement, but only at the
expense of increased noise at high input voltages
(resulting from higher peak currents).
Triple-Output Power-Supply Controller
for Notebook Computers
______________________________________________________________________________________
17
)
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com