Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX783C/D Datasheet HTML 14Page - Maxim Integrated Products MAX783C/D Datasheet HTML 15Page - Maxim Integrated Products MAX783C/D Datasheet HTML 16Page - Maxim Integrated Products MAX783C/D Datasheet HTML 17Page - Maxim Integrated Products MAX783C/D Datasheet HTML 18Page - Maxim Integrated Products MAX783C/D Datasheet HTML 19Page - Maxim Integrated Products MAX783C/D Datasheet HTML 20Page - Maxim Integrated Products MAX783C/D Datasheet HTML 21Page - Maxim Integrated Products MAX783C/D Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Layout and Grounding
Good layout is necessary to achieve the designed out-
put power, high efficiency, and low noise. Good layout
includes use of a ground plane, appropriate compo-
nent placement, and correct routing of traces using
appropriate trace widths. The following points are in
order of importance:
1. A ground plane is essential for optimum performance.
In most applications, the power supply is located on a
multilayer motherboard, and full use of the four or
more copper layers is recommended. Use the top
and bottom layers for interconnections, and the inner
layers for an uninterrupted ground plane.
2. Keep the Kelvin-connected current-sense traces
short, close together, and away from switching
nodes. See Figure 5. Important: Place the current-
sense resistors close to the IC (less than 10mm
away if possible).
3. Place the LX node components N1, N2, D2, and L1
as close together as possible. This reduces resistive
and switching losses and keeps noise due to
ground inductance confined. Do the same with the
other LX node components N3, N4, D5, and L2.
4. The input filter capacitor C1 should be less than
10mm away from N1’s drain. The connecting cop-
per trace carries large currents and must be at least
2mm wide, preferably 5mm.
Similarly, place C2 close to N3’s drain, and connect
them with a wide trace.
5. Keep the gate connections to the MOSFETs short for
low inductance (less than 20mm long and more than
0.5mm wide) to ensure clean switching.
6. To achieve good shielding, it is best to keep all
high-voltage switching signals (MOSFET gate dri-
ves DH3 and DH5, BST3 and BST5, and the two LX
nodes) on one side of the board and all sensitive
nodes (CS3, CS5, FB3, FB5 and REF) on the other
side.
7. Connect the GND and PGND pins directly to the
ground plane, which should ideally be an inner layer
of a multilayer board.
8. Connect the bypass capacitor C7 very close (less
than 10mm) to the VL pin.
9. Minimize the capacitance at the transformer sec-
ondary. Place D3 and C12 very close to each other
and to the secondary, then route the output to the
IC’s VDD pin with a short trace. Bypass with 0.1µF
close to the VDD pin if this trace is longer than
50mm.
The layout for the evaluation board is shown in the
Evaluation Kit section. It provides an effective, low-
noise, high-efficiency example.
Triple-Output Power-Supply Controller
for Notebook Computers
18
______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com