Electronic Components Datasheet Search
  English  ▼

X  

MAX783C/D Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX783C/D
Description  Triple-Output Power-Supply Controller for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX783C/D Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX783C/D Datasheet HTML 1Page - Maxim Integrated Products MAX783C/D Datasheet HTML 2Page - Maxim Integrated Products MAX783C/D Datasheet HTML 3Page - Maxim Integrated Products MAX783C/D Datasheet HTML 4Page - Maxim Integrated Products MAX783C/D Datasheet HTML 5Page - Maxim Integrated Products MAX783C/D Datasheet HTML 6Page - Maxim Integrated Products MAX783C/D Datasheet HTML 7Page - Maxim Integrated Products MAX783C/D Datasheet HTML 8Page - Maxim Integrated Products MAX783C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Triple-Output Power-Supply Controller
for Notebook Computers
_______________________________________________________________________________________
5
MINIMUM VIN TO VOUT DIFFERENTIAL
vs. +5V OUTPUT CURRENT
+5V OUTPUT CURRENT (A)
0
0.2
0.4
0.6
0.8
1.0
1m
10m
100m
1
10
300kHz
200kHz
+5V OUTPUT
STILL REGULATING
1000
0.1
100
µ
10m
1
SWITCHING FREQUENCY vs.
LOAD CURRENT
10
LOAD CURRENT (A)
100
1m
100m
SYNC = REF (300kHz)
ON3 = ON5 = HIGH
+5V, VIN = 7.5V
1
+5V, VIN = 30V
+3.3V, VIN = 7.5V
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, Transpower TTI5902 transformer, TA = +25°C, unless otherwise noted.)
SHUTDOWN SUPPLY CURRENT vs.
SUPPLY VOLTAGE
0
100
200
300
400
500
0
612
18
24
30
SUPPLY VOLTAGE (V)
SHDN = 0V
ILOAD = 1A
VIN = 16V
PULSE-WIDTH MODULATION MODE WAVEFORMS
LX VOLTAGE
10V/div
+5V OUTPUT
VOLTAGE
50mV/div
500ns/div
ILOAD = 100mA
VIN = 10V
IDLE-MODE WAVEFORMS
+5V OUTPUT
50mV/div
2V/div
200
µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com