Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 105 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 101Page - STMicroelectronics STA400A Datasheet HTML 102Page - STMicroelectronics STA400A Datasheet HTML 103Page - STMicroelectronics STA400A Datasheet HTML 104Page - STMicroelectronics STA400A Datasheet HTML 105Page - STMicroelectronics STA400A Datasheet HTML 106Page - STMicroelectronics STA400A Datasheet HTML 107Page - STMicroelectronics STA400A Datasheet HTML 108Page - STMicroelectronics STA400A Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 117 page
background image
105/117
STA400A
TSCW_Data - Addressed TSCW Word Contents
Contains the TSCW word which shall be read.
StatusErr_T - Management Error and Error Flag
If trm_error=1 the next time interval has been started although not all data of the previous time interval have
been processed.
b1:
trm_error
TDM Read Management error flag
b0:
trm_status
0= TDM Read Management disabled
1= TDM Read Management operational
MgmtCtrl_T - TDM Management Control Vector
If trm_first_proc=0/1 the satellite/terrestrial PRC packet is processed first in a time interval. If
trm_terr_sat_comb_en=1 both terrestrial and satellite PRC packets are read. If trm_terr_sat_comb_en=0 only
the PRC packets indicated by trm_first_proc (0:sat, 1:terr) are processed.
b3:
trm_sat_format
0= satellite data from SDRAM in 2's complement
1= satellite data from SDRAM in offset binary
b2:
trm_terr_format
0= terrestrial data from SDRAM in 2's complement
1= terrestrial data from SDRAM in offset binary
b1:
trm_terr_sat_comb_en
0= Terr-Sat Combining disabled
1= Terr-Sat Combining enabled
b0:
trm_first_proc
0= satellite PRC packet first
1= terrestrial PRC packet first
Tswc_AddCurr - TSCW Table Current Register Address
Type:
SingleByte - RT Word Length: 8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
TSCW_Data
0657
7-0
--
Type:
SingleByte - R Word Length: 2
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
StatusErr_T
0658
1-0
--
Type:
SingleByte - R/W
Word Length:
4
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
MgmtCtrl_T
0659
3-0
03
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Tscw_AddCurr
065B
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com