Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 107 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 103Page - STMicroelectronics STA400A Datasheet HTML 104Page - STMicroelectronics STA400A Datasheet HTML 105Page - STMicroelectronics STA400A Datasheet HTML 106Page - STMicroelectronics STA400A Datasheet HTML 107Page - STMicroelectronics STA400A Datasheet HTML 108Page - STMicroelectronics STA400A Datasheet HTML 109Page - STMicroelectronics STA400A Datasheet HTML 110Page - STMicroelectronics STA400A Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 117 page
background image
107/117
STA400A
CfCntBad_M
- Counter for Coarse Frequency Bad Event
Each time the Coarse Frequency calculates a new estimate that is bad (and then not used) this counter is in-
cremented.
CfCtrl_M
- Coarse Frequency Control
b0 :
Use_All_AMSS ‘0’=Use AMSS samples only in case of frame sync detection.
‘1’=Use AMSS samples even predidted ones.
Cf_MinKexpLow_M
- Coarse Frequency Estimation Confidence Threshold
Control of threshold value for good/bad decision of cf algorithm. This value determines the absolute minimum
of the confidence threshold value for the distinction between good and bad estimates independently of the his-
tory stored within the sliding window buffer (see register 0x072D).
Cf_DiffKexpMaxLow_M
- Coarse Frequency Estimation Confidence Threshold
Control of threshold value for good/bad decision of cf algorithm. This value is used to determine the relative min-
imum of the confidence threshold value for the distinction between good and bad estimates dependent on the
maximum frequency estimate confidence value stored in the sliding window buffer (see register 0x072D). The
relative minimum is calculated by the maximum estimate confidence value within the sliding window buffer mi-
nus the register value. The maximum value of both absolute and relative minimum values determines the lowest
confidence threshold used by the algorithm.
Cf_Delta_KexpLow_M
- Coarse Frequency Estimation Confidence Threshold
Control of threshold value for good/bad decision of cf algorithm. This value is the decrement of the threshold
Type:
MultiBytes - PR
Word Length:
16
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CfCntBad2_M
0716
15-8
00
CfCntBad1_M
0715
7-0
00
Type:
SingleByte - R/W
Word Length:
1
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
CfCtrl_M
0708
0
00
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_MinKexpLow_M
0720
7-0
90
Type:
SingleByte - R/W
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_DiffKexpMaxLow_M
0721
7-0
08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com