Electronic Components Datasheet Search
  English  ▼

X  

STA400A Datasheet(PDF) 109 Page - STMicroelectronics

Part # STA400A
Description  XMRADIO SDARS CHANNEL DECODER
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA400A Datasheet(HTML) 109 Page - STMicroelectronics

Back Button STA400A Datasheet HTML 105Page - STMicroelectronics STA400A Datasheet HTML 106Page - STMicroelectronics STA400A Datasheet HTML 107Page - STMicroelectronics STA400A Datasheet HTML 108Page - STMicroelectronics STA400A Datasheet HTML 109Page - STMicroelectronics STA400A Datasheet HTML 110Page - STMicroelectronics STA400A Datasheet HTML 111Page - STMicroelectronics STA400A Datasheet HTML 112Page - STMicroelectronics STA400A Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 117 page
background image
109/117
STA400A
Cf_DeltaCntHigh_M
- Coarse Frequency Estimation Confidence Threshold
This value is the number of subsequent good estimates for enlarging the confidence threshold by an increment
of register 0x0728
Cf_InitDelay_M
- Coarse Frequency Estimation Initial Delay
This value determines the minimum number of AMSS estimates stored in the sliding window average before the
first estimate is put out. For the calculation of the first cf estimate, Cf_InitDelay_M+1 estimates are taken into
account. Within the initial phase no confidence threshold is applied and all estimates are good. Nevertheless
the confidence threshold is calculated and used for the Cf_InitDelay_M+2nd estimate.
Cf_KexpThAct_M
- Current Confidence Threshold Value
This register hold the current confidence threshold value the CF algorithm takes to distinguish between good
and bad Coarse Frequency estimates. If the internally calculated confidence value is equal or larger than the
current threshold the estimate is considered as good.
Cf_EstAct_M
- Coarse Frequency Estimation of AMSS Before Averaging
With each received AMSS sequence a new frequency estimate is calculated together with a confidence value.
Then an averaging over good estimates is performed. Within this register the coarse frequency estimate of the
received AMSS before averaging is held.
Type:
SingleByte - R/W
Word Length:
10
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_DeltaCntHigh2_M
072A
9-8
00
Cf_DeltaCntHigh1_M
0729
7-0
01
Type:
SingleByte - R/W
Word Length:
5
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_InitDelay_M
072B
4-0
17
Type:
SingleByte - R
Word Length:
8
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_KexpThAct_M
072D
7-0
--
Type:
SingleByte - R/W
Word Length:
16
Byte Name
Address (Hex)
Bit Map
Reset Value (Hex)
Cf_EstAct2_M
0731
15-8
--
Cf_EstAct1_M
0730
7-0
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com