Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 3Page - Semtech Corporation GS1675 Datasheet HTML 4Page - Semtech Corporation GS1675 Datasheet HTML 5Page - Semtech Corporation GS1675 Datasheet HTML 6Page - Semtech Corporation GS1675 Datasheet HTML 7Page - Semtech Corporation GS1675 Datasheet HTML 8Page - Semtech Corporation GS1675 Datasheet HTML 9Page - Semtech Corporation GS1675 Datasheet HTML 10Page - Semtech Corporation GS1675 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
7 of 37
1.3 Default Start-up Settings
The GS1675 has some functions that are not accessible via direct pin control, and are
only accessible through the host interface registers. These functions have an internal
pull-up or pull-down resistor that sets the default logic level or start-up state, if it is not
already set by a pin.
If the user wishes to override these logic levels, the associated bit should be programmed
within the PIN_OR_1 register (pin override register) at address 0x0C. The logic values
within the PIN_OR_1 register become active when the user sets the Pin Override Enable
bit to HIGH within that same register.
Table 1-2 shows:
1. The default logic state set by the internal pull up or pull down resistors.
2. The default values within the Pin Override register upon reset.
Table 1-2: GS1675 Default Start-up Settings
Name
Description
Default State set by
Internal Resistors
Default State within
the Pin Override
Register
DDI_SEL[0:1]
Selects one of two serial digital input signals for
processing. DDI0 is selected by default.
0:0
0:0
BYPASS
Bypasses the reclocker stage when set HIGH.
0
0
AUTOBYPASS
When set HIGH, this bit automatically bypasses the
reclocker stage when the PLL is not locked to a
supported rate.
00
AUTO/MAN
When set HIGH, the standard is automatically detected
from the input data rate.
10
SS0, SS1
When AUTO/MAN is set HIGH, SS[1:0] are outputs
displaying the data rate to which the PLL has locked.
Therefore, they will not have default values.
None
0:0
KBB
Controls the loop bandwidth of the PLL.
Floating
Ground
DATA_MUTE
Mutes the DDO0/DDO0 and DDO1/DDO1 (if data is
selected) outputs when LOW.
10
DDO1_DISABLE
Disables the DDO1/RCO and DDO1/RCO outputs when
LOW.
00
DATA/CLOCK
HIGH = DATA
LOW = CLOCK
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com