Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 23 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 23 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 19Page - Semtech Corporation GS1675 Datasheet HTML 20Page - Semtech Corporation GS1675 Datasheet HTML 21Page - Semtech Corporation GS1675 Datasheet HTML 22Page - Semtech Corporation GS1675 Datasheet HTML 23Page - Semtech Corporation GS1675 Datasheet HTML 24Page - Semtech Corporation GS1675 Datasheet HTML 25Page - Semtech Corporation GS1675 Datasheet HTML 26Page - Semtech Corporation GS1675 Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
23 of 37
3.14.9 Read & Write Operation - Daisy Chained Devices
In a serial daisy chain configuration, Read and/or Write operations can be performed to
multiple devices in the chain via consecutive operations. Figure 3-11 below shows a
simple 3 device configuration.
Figure 3-11: Three Devices in Daisy Chain Configuration
3.14.10 Writing to all Devices
When writing to all devices in the chain, a Write Command and corresponding Data is
required for each device. When the devices are being configured in the same way, all of
them will have the same command and data with the exception of the Chain Position
bits. This example assumes a 3-device daisy chain. A command is issued to the last
device in the chain first, although it is possible to talk to the devices in any order.
Figure 3-12: Daisy Chain Write
1. The first command issued in time is the command for the last device in the chain
(chain position = 2). When the first device receives this command it will recognize
that the Chain Position is 2 and will not execute the command. It will duplicate the
command and data word at its output and decrement the Chain Position by one.
2. Consecutive commands are issued for each device in the chain as shown.
GS1675
SDI
SDO
GS1675
SDI
SDO
GS1675
SDI
SDO
MOSI
µC
MISO
Data [15:0]
Command0 [15:0]
Data [15:0]
MOSI Command2 [15:0]
Data High 32 cycles
Chain Position = 2
CS
Data [15:0]
Command1 [15:0]
Chain Position = 1
Chain Position = 0
MISO
Data [15:0]
Command0' [15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com