Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 12 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 8Page - Semtech Corporation GS1675 Datasheet HTML 9Page - Semtech Corporation GS1675 Datasheet HTML 10Page - Semtech Corporation GS1675 Datasheet HTML 11Page - Semtech Corporation GS1675 Datasheet HTML 12Page - Semtech Corporation GS1675 Datasheet HTML 13Page - Semtech Corporation GS1675 Datasheet HTML 14Page - Semtech Corporation GS1675 Datasheet HTML 15Page - Semtech Corporation GS1675 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
12 of 37
Active circuitry associated with the input buffers and trace EQ can only be turned on for
the selected input. Inputs which are not selected have their input buffers and trace EQs
turned OFF to save power. Unused inputs can be either left floating, or tied to VCC.
3.4 Crystal Buffer
The GS1675 features a crystal buffer supporting a Gennum recommended external
27MHz crystal. The GS1675 requires an external 27MHz reference clock for correct
operation. This reference clock is generated by connecting a crystal to the XTAL- and
XTAL+ pins of the device.
Alternately, a 27MHz external clock source can be connected to the XTAL- pin of the
device, while the XTAL+ pin should be left floating.
3.5 LOS (Loss Of Signal) Detection
The LOS (Loss Of Signal) status pin is an active-high output that indicates when the serial
digital input signal selected at the 2:1 input mux is invalid. In order for this output to be
asserted, transitions must not be present for a period of tLA = 5 - 10μs. After this output
has been asserted, LOS will de-assert within tLD = 0 - 5μs after the appearance of a
transition at the DDIx input. See Figure 3-1.
This signal is HIGH (signal lost), when the number of data edges within a window is
below a defined threshold. The output is automatically muted when LOS is detected.
This signal is LOW (signal valid), when the number of data edges within a window is
above a defined threshold. See Table 3-2.
The LOS function is operational for all operating modes of the device.
Figure 3-1: LOS Signal Timing
Table 3-2: LOS Operation
LOS
Signal
HIGHInvalid
LOW
Valid
DATA
LOS
t
LA
t
LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com