Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 32 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 28Page - Semtech Corporation GS1675 Datasheet HTML 29Page - Semtech Corporation GS1675 Datasheet HTML 30Page - Semtech Corporation GS1675 Datasheet HTML 31Page - Semtech Corporation GS1675 Datasheet HTML 32Page - Semtech Corporation GS1675 Datasheet HTML 33Page - Semtech Corporation GS1675 Datasheet HTML 34Page - Semtech Corporation GS1675 Datasheet HTML 35Page - Semtech Corporation GS1675 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
32 of 37
Figure 5-4: High-speed Outputs (DDO1/RCO, DDO1/RCO, DDO0, DDO0)
Figure 5-5: High-speed Crystal Oscillator I/O (XTAL-, XTAL+)
Figure 5-6: SPI Inputs (CS, SCK, SDI)
DDO
VCC
50
Ω
50
Ω
VCC
VCC
DDO
VCC
VCC
XTAL-
VCC
EN
EN
VCC
XTAL+
246
Ω
IN
1kΩ
VCC
VCC
2.5µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com