Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 22 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 18Page - Semtech Corporation GS1675 Datasheet HTML 19Page - Semtech Corporation GS1675 Datasheet HTML 20Page - Semtech Corporation GS1675 Datasheet HTML 21Page - Semtech Corporation GS1675 Datasheet HTML 22Page - Semtech Corporation GS1675 Datasheet HTML 23Page - Semtech Corporation GS1675 Datasheet HTML 24Page - Semtech Corporation GS1675 Datasheet HTML 25Page - Semtech Corporation GS1675 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
22 of 37
3.14.8 Daisy Chain Operation
For applications with multiple GS1675 devices, it is possible to daisy-chain up to 127
parts in serial. In this configuration, the first device SDI should be connected to the SPI
Master SDO. The serial data output of each device is then connected to the serial data
input of the following device, and so on. The last device's SDO connects to the Master's
SDI. Connecting devices in serial reduces the number of I/O ports required by the master
by removing the need for additional chip select lines.
Figure 3-9: Daisy Chained SPI Bus
The position of each GS1675 device in the serial chain is referred to as its Chain Position,
with 0 corresponding to the first device. The Chain Position in the SPI command word is
decoded by each slave to know which device the master is talking to.
Each GS1675 slave is designed to output a replica of what it receives at its input after a
delay of 32 cycles. The Chain Position part of the command is decremented by one in the
duplicated command word at the output. Each device in the chain will only execute the
issued command if it verifies that the current chain position is set to 0.
Figure 3-10: Chain Position Decoding
SPI
Master
SCK
SDO
SDI
CS
SPI
Slave
SCK
SDI
SDO
CS
SCK
SDI
SDO
CS
SCK
SDI
SDO
CS
SPI
Slave
SPI
Slave
Chain Position 0
Chain Position 1
Chain Position 2
GS1675
SDI
SDO
Chain Position
-1
A[4:0]
Chain Position
A[4:0]
C[6:0]=N
32 cycles
GS1675
SDI
SDO
Chain Position
-2
32 cycles
C[6:0]=N-1
C[6:0]=N-2
A[4:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com