Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 8 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 4Page - Semtech Corporation GS1675 Datasheet HTML 5Page - Semtech Corporation GS1675 Datasheet HTML 6Page - Semtech Corporation GS1675 Datasheet HTML 7Page - Semtech Corporation GS1675 Datasheet HTML 8Page - Semtech Corporation GS1675 Datasheet HTML 9Page - Semtech Corporation GS1675 Datasheet HTML 10Page - Semtech Corporation GS1675 Datasheet HTML 11Page - Semtech Corporation GS1675 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
8 of 37
2. Electrical Characteristics
2.1 Absolute Maximum Ratings
2.2 DC Electrical Characteristics
Parameter
Value
Supply Voltage
-0.5 to +3.6VDC
Input ESD Voltage
4kV
Storage Temperature Range
-50ºC < TA < 125ºC
Operating Temperature Range
-40ºC to 85ºC
Input Voltage Range
-0.3 to (VCC + 0.3) VDC
Solder Reflow Temperature
260ºC
Table 2-1: DC Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VDD
3.3V
3.135
3.3
3.465V
2.5V
2.375
2.5
2.625
V
Power (DDO1/RCO disabled, minimum
output swing)
P
VDD = 3.3V
−
250
−
mW
VDD = 2.5V
−
180
−
mW
Power (DDO1/RCO enabled, minimum
output swing)
VDD = 3.3V
−
300
−
mW
VDD = 2.5V
−
210
−
mW
Power in Power-down mode
VDD = 3.3V
−
40
−
mW
VDD = 2.5V
30
−
mW
Serial Input Termination
−
Differential
80
100
120
Ω
Serial Output Termination
−
Differential
80
100
120
Ω
Serial Input Common Mode Voltage
−−
1.6
−
VDD
V
Serial Output Common Mode Voltage
−−
−
VCC-
(ΔVOD
/2)
−
V
VIL (2.5V operation)
−
VOUT≤VOL, max
-0.3
−
0.7
V
VIL (3.3V operation)
VOUT≤VOL, max
-0.3
−
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com