Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 31 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 31 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 27Page - Semtech Corporation GS1675 Datasheet HTML 28Page - Semtech Corporation GS1675 Datasheet HTML 29Page - Semtech Corporation GS1675 Datasheet HTML 30Page - Semtech Corporation GS1675 Datasheet HTML 31Page - Semtech Corporation GS1675 Datasheet HTML 32Page - Semtech Corporation GS1675 Datasheet HTML 33Page - Semtech Corporation GS1675 Datasheet HTML 34Page - Semtech Corporation GS1675 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
31 of 37
5. Input/Output Circuits
Figure 5-1: High-speed Inputs (DDI0, DDI0, DDI1, DDI1)
Figure 5-2: Low-speed Input with weak internal pull-up (HIF)
Figure 5-3: Low-speed Outputs (LOCKED, LOS, SD/HD)
DDI
DDI
25
Ω
25
Ω
25
Ω
25
Ω
5.55k
Ω
12.96k
Ω
VCC
VCC
VCC
IN
VREF
1.4k
Ω
VCC
VCC
2.5µA
VCC
OUT
VCC
972Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com