Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 11 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 7Page - Semtech Corporation GS1675 Datasheet HTML 8Page - Semtech Corporation GS1675 Datasheet HTML 9Page - Semtech Corporation GS1675 Datasheet HTML 10Page - Semtech Corporation GS1675 Datasheet HTML 11Page - Semtech Corporation GS1675 Datasheet HTML 12Page - Semtech Corporation GS1675 Datasheet HTML 13Page - Semtech Corporation GS1675 Datasheet HTML 14Page - Semtech Corporation GS1675 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
11 of 37
3. Functional Description
The GS1675 is a multi-standard reclocker for serial digital SDTV signals operating at
270Mb/s, and HDTV signals operating at 1.485Gb/s, 1.485/1.001Gb/s.
3.1 Serial Data Input
The GS1675 features two differential input buffers.
The serial data input signal is connected to the DDI0/DDI0 and DDI1/DDI1 input pins of
the device.
Input signals can be single-ended or differential, DC or AC-coupled.
The input circuit is self-biasing, to allow for simple AC or DC-coupling of input signals to
the device.
The serial digital data inputs are also compatible when DC-coupled with LVPECL or
CML differential outputs from crosspoint switches which operate from 3.3V or 2.5V
supplies. This includes but is not limited to the GS1674 Equalizer.
3.2 Modes of Operation
The GS1675 has two modes of operation: Legacy Mode (HIF = HIGH) and SPI Mode (HIF
= LOW).
In Legacy Mode, chip functions are controlled via pins only, and offers limited control of
input equalization.
In SPI mode, access is gained to extended digital controls like: Bypass, Autobypass,
Auto/Manual selection, Control status inputs or outputs, changes to KBB settings, as well
as access to additional features such as LOS adjustment, polarity invert, auto-mute, etc.
3.3 2:1 Input Mux
The GS1675 incorporates a 2:1 input mux, which allows the connection of two
independent streams of video/data. There are two differential inputs (DDI[1:0] /
DDI[1:0]). The active channel can be selected via the DDI_SEL[1:0] registers as shown in
Table 3-1.
Table 3-1: Input Selection Table
DDI_SEL[1:0]
Selected Input
00
DDI0*
01
NOT VALID
10
NOT VALID
11
DDI1
* Power-up default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com