Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 18 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 14Page - Semtech Corporation GS1675 Datasheet HTML 15Page - Semtech Corporation GS1675 Datasheet HTML 16Page - Semtech Corporation GS1675 Datasheet HTML 17Page - Semtech Corporation GS1675 Datasheet HTML 18Page - Semtech Corporation GS1675 Datasheet HTML 19Page - Semtech Corporation GS1675 Datasheet HTML 20Page - Semtech Corporation GS1675 Datasheet HTML 21Page - Semtech Corporation GS1675 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
18 of 37
3.14.4 Clock & Data Timing
The SPI signals are Serial Data Input (SDI), Serial Data Output (SDO), active-low Chip
Select (CS), and Serial Clock Input (SCK). The host interface operates in SPI Mode 0, i.e.
the SDI input will latch data in on the rising edge of SCK. The SDO data output will
transition on falling edges of SCK. Data is transmitted or received on the SPI port MSB
first LSB last.
Figure 3-3: Data Clock Alignment
3.14.5 Single Device Operation
For applications with a single device or applications with multiple devices where daisy
chaining is not desired, the chain position bits C[6:0] should always be set to 0. As a
by-product of the daisy chaining feature, Read and Write operations experience a 32
SCK cycle latency from SDI to SDO. For more details on daisy-chaining, refer to
Section 3.14.8 on page 22.
Figure 3-4: 16-bit Command Format
SCK
CS
Cycle #
1
2
3
4
5
6
7
8
SDO
1
2
3
4
5
6
7
8
z
z
1
2
3
4
5
6
7
8
z
z
SDI
rw
A[4:0]
R
0
0
Read/
Write
Reset
Address
C N[6:0] = `0000000’
Chain Position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com