Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 24 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 20Page - Semtech Corporation GS1675 Datasheet HTML 21Page - Semtech Corporation GS1675 Datasheet HTML 22Page - Semtech Corporation GS1675 Datasheet HTML 23Page - Semtech Corporation GS1675 Datasheet HTML 24Page - Semtech Corporation GS1675 Datasheet HTML 25Page - Semtech Corporation GS1675 Datasheet HTML 26Page - Semtech Corporation GS1675 Datasheet HTML 27Page - Semtech Corporation GS1675 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
24 of 37
3.14.11 Writing to a Single Device in the Chain
The following example shows how to write to a single device in a chain:
Figure 3-13: Daisy Chain Write to a Single Device
1. The command is issued to Chain Position N.
2. 32xN cycles are required to shift the command through N devices. The device at
chain position N executes the command.
3. 32 additional cycles are needed to complete the communication.
3.14.12 Reading from all Devices
To read from all devices in the chain, a Read command is issued for each device
consecutively. After each command, the data is held HIGH for 16 cycles. Once a device
recognizes that it is being talked to, it will output data from the register requested. A
clock needs to be applied to cycle the output data through all devices in the chain.
Figure 3-14: Daisy Chain Read
DataN [15:0]
MOSI CommandN [15:0]
Data High 32xN cycles
Data High 32 cycles
Chain Position = N
CS
Chain Position = N (N = 0 for first device in chain)
DataN [15:0]
CommandN’ [15:0]
MISO
Command 2
Command 1
SDI
SDO
Data HIGH for
16 cycles
Command 0
Data HIGH for
16 cycles
Data HIGH for
16 cycles
(Chain Position = 0)
Data2
Data0
Data1
Data held
HIGH for 32x3
cycles
Command2’
Command1’
Command0’
SDI
SDO
(Chain Position = 1)
(Chain Position = 2)
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com