Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 1 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 1 Page - Semtech Corporation

  GS1675 Datasheet HTML 1Page - Semtech Corporation GS1675 Datasheet HTML 2Page - Semtech Corporation GS1675 Datasheet HTML 3Page - Semtech Corporation GS1675 Datasheet HTML 4Page - Semtech Corporation GS1675 Datasheet HTML 5Page - Semtech Corporation GS1675 Datasheet HTML 6Page - Semtech Corporation GS1675 Datasheet HTML 7Page - Semtech Corporation GS1675 Datasheet HTML 8Page - Semtech Corporation GS1675 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1 of 37
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
GS1675 SD/HD SDI Reclocker
www.gennum.com
The GS1675 is a multi-rate serial digital reclocker designed to automatically recover the embedded clock from a digital video signal and
retime the incoming video data. It will recover the embedded clock signal and retime the data from a SMPTE 292M or SMPTE 259M-C
compliant digital video signal.
The GS1675 can operate in either Auto or Manual rate selection mode. In Auto mode, the device will automatically detect and lock onto
incoming SMPTE SDI data signals at SD and HD data rates. For single-rate data systems, the GS1675 can be configured to operate in
Manual mode. In both modes, the device requires only one external crystal to set the VCO frequency when not locked, and provides
adjustment-free operation. In systems which require passing non-SMPTE data rates, the GS1675 can be configured to either
automatically or manually enter a bypass mode in order to pass the signal without reclocking.
The GS1675 accepts industry-standard differential input levels including LVPECL and CML. The differential data and clock outputs
feature selectable output swing via the host interface, ensuring compatibility with most industry-standard, terminated differential
receivers. The GS1675 features dual differential outputs. The second output can be configured to emit either the recovered clock signal
or the re-timed video data.
Key Features
•
SMPTE 292M and SMPTE 259M-C compliant
•
Supports DVB-ASI at 270Mb/s
•
Single-supply operation at 3.3V or 2.5V
•
180mW typical power consumption (213mW with RCO
enabled) at 2.5V
•
2:1 input multiplexer patented technology
•
Choice of dual reclocked data outputs or one reclocked data
output and one clock output
•
Uses standard 27MHz crystal
•
Differential inputs and outputs
supports DC-coupling to industry-standard differential
logic
on-chip 100Ω differential data input/output termination
selectable 400mVppd or 800mVppd output swing on
each output
•
4-wire SPI host interface for device configuration and
monitoring
•
Standard logic control and status signal levels
•
Auto and Manual modes for rate selection
•
Standards indication in Auto mode
•
Lock Detect Output
•
Mute, Bypass and Autobypass functions
•
SD/HD indication output to control GS1678 or GS1679 cable
drivers
•
Operating temperature range: -40°C to +85°C
•
32 pin 5mm x 5mm QFN package
•
Pb-free and RoHS compliant
•
Forward pin-compatible with the Gennum's 3G GS2965
reclocker
•
Typical Application Circuit
(Pin15)
VEE_DDO1
VEE_DDO0
VEE_CP
(Pin20)
(Pin24)
(Pin31)
VEE_VCO
VSS_DIG
(Pin10)
VDD_DIG
(Pin19)
(Pin23)
(Pin32)
(Pin14)
VCC_DDO1
VCC_DDO0
VCC_CP
VCC_VCO
(Pin9)
VCO_SEL
Data Input 0
Data Input 1
Data Output 0
Data Output 1
SPI
GND
VCC2
GND
GND
GND
GND
GND
GND
VCC2
CSb
SCK
SDO
SDI
HIFb
SD/HD
LOS
LOCKED
Y1
ABM7-27.000MHZ-D2Y-T
C16
DNP
C13
10n
C2
18p
C30
10n
C4
220n
C20
10n
C27
DNP
R23
422R
JP5
1
2
R24
267R
C31
1u
C7
10n
C33
10u
C1
18p
R6
1M
U2
GS1675
U2
DDI0
3
HIF
4
DDI0
5
DDI1
6
DDI1
7
NC
8
LOCKED
12
LOS
13
DDO0
22
DDO0
21
DDO1/RCO
18
SD/HD
16
CP_CAP
2
LF+
1
SDI
30
SDO
29
SCK
28
CS
27
XTAL-
26
XTAL+
25
DDO1/RCO
17
C34
220n
C23
DNP
C15
DNP
C32
10n
C3
47n


Similar Part No. - GS1675

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1675 GENNUM-GS1675 Datasheet
1Mb / 37P
Differential inputs and outputs
More results

Similar Description - GS1675

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
3 Gbps HD/SD SDI Low Power Reclocker
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
HD/SD SDI Reclocker With Dual Differential Outputs
logo
M/A-COM Technology Solu...
M21245-15 MA-COM-M21245-15 Datasheet
1Mb / 54P
3G/HD/SD-SDI Multi-rate Reclocker
M21245 MA-COM-M21245 Datasheet
1Mb / 50P
3G/HD/SD-SDI Multi-rate Reclocker
M21350-15 MA-COM-M21350-15 Datasheet
1Mb / 62P
3G/HD/SD-SDI Multi-rate Video Quad Reclocker
logo
Texas Instruments
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
HD/SD SDI Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS9076 SEMTECH-GS9076 Datasheet
464Kb / 25P
SD-SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com