Electronic Components Datasheet Search
  English  ▼

X  

GS1675 Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS1675
Description  SD/HD SDI Reclocker
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1675 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS1675 Datasheet HTML 26Page - Semtech Corporation GS1675 Datasheet HTML 27Page - Semtech Corporation GS1675 Datasheet HTML 28Page - Semtech Corporation GS1675 Datasheet HTML 29Page - Semtech Corporation GS1675 Datasheet HTML 30Page - Semtech Corporation GS1675 Datasheet HTML 31Page - Semtech Corporation GS1675 Datasheet HTML 32Page - Semtech Corporation GS1675 Datasheet HTML 33Page - Semtech Corporation GS1675 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
GS1675 SD/HD SDI Reclocker
Data Sheet
54174 - 1
June 2011
30 of 37
4. Typical Application Circuit
Figure 4-1: GS1675 Typical Application Circuit
(Pin15)
VEE_DDO1
VEE_DDO0
VEE_CP
(Pin20)
(Pin24)
(Pin31)
VEE_VCO
VSS_DIG
(Pin10)
VDD_DIG
(Pin19)
(Pin23)
(Pin32)
(Pin14)
VCC_DDO1
VCC_DDO0
VCC_CP
VCC_VCO
(Pin9)
VCO_SEL
Data Input 0
Data Input 1
Data Output 0
Data Output 1
SPI
GND
VCC2
GND
GND
GND
GND
GND
GND
VCC2
CSb
SCK
SDO
SDI
HIFb
SD/HD
LOS
LOCKED
Y1
ABM7-27.000MHZ-D2Y-T
C16
DNP
C13
10n
C2
18p
C30
10n
C4
220n
C20
10n
C27
DNP
R23
422R
JP5
1
2
R24
267R
C31
1u
C7
10n
C33
10u
C1
18p
R6
1M
U2
GS1675
U2
DDI0
3
HIF
4
DDI0
5
DDI1
6
DDI1
7
NC
8
LOCKED
12
LOS
13
DDO0
22
DDO0
21
DDO1/RCO
18
SD/HD
16
CP_CAP
2
LF+
1
SDI
30
SDO
29
SCK
28
CS
27
XTAL-
26
XTAL+
25
DDO1/RCO
17
C34
220n
C23
DNP
C15
DNP
C32
10n
C3
47n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com