Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 198 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 198 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 194Page - National Semiconductor (TI) PC87591E Datasheet HTML 195Page - National Semiconductor (TI) PC87591E Datasheet HTML 196Page - National Semiconductor (TI) PC87591E Datasheet HTML 197Page - National Semiconductor (TI) PC87591E Datasheet HTML 198Page - National Semiconductor (TI) PC87591E Datasheet HTML 199Page - National Semiconductor (TI) PC87591E Datasheet HTML 200Page - National Semiconductor (TI) PC87591E Datasheet HTML 201Page - National Semiconductor (TI) PC87591E Datasheet HTML 202Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
198
Revision 1.07
“Acknowledge After Every Byte” Rule
The master generates an Acknowledge clock pulse after each byte transfer. The receiver sends an Acknowledge signal after
every byte is received.
There are two exceptions to the “acknowledge after every byte” rule:
●
When the master is the receiver, it must indicate to the transmitter an end of data by not acknowledging (negative
acknowledge) the last byte clocked out of the slave. This negative acknowledge still includes the Acknowledge clock
pulse (generated by the master), but the SDAn line is not pulled down.
●
When the receiver is full or otherwise occupied, or if a problem occurs, it sends a negative acknowledge to indicate
that it cannot accept additional data bytes.
Addressing Transfer Formats
Each device on the bus has a unique address. Before any data is transmitted, the master transmits the address of the slave
being addressed. The slave device should send an Acknowledge signal on the SDAn line once it recognizes its address.
The address consists of the first seven bits after a Start Condition. The eighth bit contains the direction of the data transfer
(R/W). A low-to-high transition during a SCLn high period indicates the Stop Condition and ends the transaction of SDAn
(Figure 73).
When the address is sent, each device in the system compares this address with its own. If there is a match, the device
considers itself addressed and sends an Acknowledge signal. Depending on the state of the R/W bit (1=read, 0=write), the
device acts as a transmitter or a receiver.
The I2C bus protocol allows a general call address to be sent to all slaves connected to the bus. The first byte sent specifies
the general call address (0016); the second byte specifies the general call meaning (for example, “Write slave address by
software only”). Slaves that require data acknowledge the call and become slave receivers; other slaves ignore the call.
S
Start
Condition
SCLn
12 3 - 6
7
8
9
Transmitter Stays Off the
Bus During the
Acknowledge Clock
Acknowledge
Signal from Receiver
Figure 72. ACCESS.bus Acknowledge Cycle
Data Output
Transmitter
Data Output
Receiver
S
P
Start
Condition
Stop
Condition
SDAn
SCLn
1 - 7
8
9
1 - 7
8
9
1 - 7
8
9
Address R/W ACK
Data
ACK
Data
ACK
Figure 73. A Complete ACCESS.bus Data Transaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com