Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 200 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 200 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 196Page - National Semiconductor (TI) PC87591E Datasheet HTML 197Page - National Semiconductor (TI) PC87591E Datasheet HTML 198Page - National Semiconductor (TI) PC87591E Datasheet HTML 199Page - National Semiconductor (TI) PC87591E Datasheet HTML 200Page - National Semiconductor (TI) PC87591E Datasheet HTML 201Page - National Semiconductor (TI) PC87591E Datasheet HTML 202Page - National Semiconductor (TI) PC87591E Datasheet HTML 203Page - National Semiconductor (TI) PC87591E Datasheet HTML 204Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
200
Revision 1.07
Master Transmit
After becoming the bus master, the device can start transmitting data on the ACCESS.bus.
To transmit a byte, the software should:
1. Check that BER and NEGACK bits in ACBnST register are cleared and SDAST bit is set. In addition, if STASTRE bit in
ACBnCTL1 register is set, make sure that STASTR bit in ACBnST register is cleared.
2. Write the data byte to be transmitted to ACBnSDA register.
When the slave responds with a negative acknowledge, NEGACK in ACBnST register is set and SDAST in ACBnST register
remains cleared. In this case, if INTEN bit in ACBnCTL1 register is set, an interrupt is sent to the core.
Master Receive
After becoming the bus master, the device can start receiving data on the ACCESS.bus.
To receive a byte, the software should:
1. Check that SDAST bit in ACBnST register is set and BER bit is cleared. In addition, if STASTRE bit in ACBnCTL1 register
is set, make sure that STASTR in ACBnST register is cleared.
2. If the next byte is the last byte that should be read, set ACK bit in ACBnCTL1 register to 1. This causes a negative ac-
knowledge to be sent.
3. Read the data byte from ACBnSDA register.
Master Stop
To end a transaction, set STOP in ACBnCTL1 register before clearing the current stall flag (i.e., SDAST, NEGACK or STAS-
TR in ACBnST register). This causes the module to send a Stop Condition immediately and to clear STOP in ACBnCTL1
register. A Stop Condition may be issued only when the PC87591x is the active bus master (MASTER in ACBnST register
is set to 1).
Master Bus Stall
The ACB module can stall the ACCESS.bus between transfers while waiting for the core’s response. The ACCESS.bus is
stalled by holding the SCLn signal low after the acknowledge cycle. Note that this is interpreted as the start of the following
bus operation. The user must make sure that the next operation is prepared before the flag that causes the bus stall is
cleared.
The flags that can cause a bus stall in Master mode are:
●
Negative acknowledge after sending a byte (NEGACK in ACBnST register is set to 1).
●
SDAST in ACBnST register is set to 1.
●
STASTRE in ACBnCTL1 register is set to 1 after a successful start (STASTR in ACBnST is set to 1).
Repeated Start
A repeated start is performed when the PC87591x is already the bus master (MASTER in ACBnST register is set). In this
case, the ACCESS.bus is stalled and the ACB module awaits core handling due to a negative acknowledge (NEGACK in
ACBnST register is set to 1), an empty buffer (SDAST in ACBnST is set to 1) and/or a stall after start (STASTR in ACBnST
is set to 1).
For a repeated start:
1. Set START in ACBnCTL1 register to 1.
2. In Master Receive mode, read the last data item from ACBnSDA.
3. Follow the address send sequence, as described in “Sending the Address Byte” on page 199.
4. If the ACB is awaiting handling because STASTR in ACBnST is set to 1, clear it only after writing the requested address
and direction to ACBnSDA.
Master Error Detection
The ACB detects an illegal Start or Stop Condition (i.e., a Start or Stop Condition within the data transfer or the acknowledge
cycle) and a conflict on the data lines of the ACCESS.bus. If an illegal condition is detected, BER is set and Master mode is
exited (MASTER in ACBnST register is cleared).
Bus Idle Error Recovery
When a request to become the active bus master or a restart operation fails, BER in ACBnST register is set to indicate the
error. In some cases, both the PC87591x and the other device may identify the failure and leave the bus idle. In this case,
the start sequence may not finish and the ACCESS.bus may remain deadlocked.
To recover from deadlock, use the following sequence:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com