Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 199 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 199 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 195Page - National Semiconductor (TI) PC87591E Datasheet HTML 196Page - National Semiconductor (TI) PC87591E Datasheet HTML 197Page - National Semiconductor (TI) PC87591E Datasheet HTML 198Page - National Semiconductor (TI) PC87591E Datasheet HTML 199Page - National Semiconductor (TI) PC87591E Datasheet HTML 200Page - National Semiconductor (TI) PC87591E Datasheet HTML 201Page - National Semiconductor (TI) PC87591E Datasheet HTML 202Page - National Semiconductor (TI) PC87591E Datasheet HTML 203Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
199
www.national.com
Arbitration on the Bus
Multiple master devices on the bus require arbitration between their conflicting bus access demands. Control of the bus is
initially determined according to address bits and clock cycle. If more than one master tries to address the same slave, data
comparisons determine the outcome of this arbitration. In Master mode, the device immediately aborts a transaction if the
value sampled on the SDAn line differs from the value driven by the device. (An exception to this rule is SDAn while receiving
data; in this case, the lines may be driven low by the slave without causing an abort.)
The SCLn signal is monitored for clock synchronization to allow the slave to stall the bus. The actual clock period is the long-
est one set by the master or the slave stall period. The clock high period is determined by the master with the shortest clock
high period.
When an abort occurs during address transmission, a master that identifies the conflict should give up the bus and switch
to Slave mode. It should then continue to sample SDAn to see if it is being addressed by the winning master on the bus.
4.13.3 Master Mode
Requesting Bus Mastership
An ACCESS.bus transaction starts with a master device requesting bus mastership. It asserts a Start Condition, followed by
the address of the device it wants to access. If this transaction is successfully completed, the software may assume that the
device has become the bus master.
For the device to become the bus master, the software should perform the following steps:
1. Configure INTEN in ACBnCTL1 register to the desired operation mode (Polling or Interrupt) and set START in the same
register. This causes the ACB to issue a Start Condition on the ACCESS.bus as soon as the ACCESS.bus is free (some
conditions, such as when BB in ACBnCST register is set to 0, can delay start). It then stalls the bus by holding SCLn low.
2. If a bus conflict is detected (i.e., some other device pulls down the SCLn signal before the PC87591x does), BER in
ACBnST register is set.
3. If there is no bus conflict, MASTER and SDAST in ACBnST register are set.
4. If INTEN in ACBnCTL1 register is set and either BER or SDAST in ACBnST register is set, an interrupt is sent to the core.
Sending the Address Byte
Once the PC87591x is the active master of the ACCESS.bus (MASTER in ACBnST register is set), it can send the address
on the bus. The address sent should not be any of the following:
●
The PC87591x’s own address, as defined by ADDR in ACBnADDR register, if SAEN in ACBnADDR is set.
●
The PC87591x’s own address, as defined by ADDR in ACBnADDR2, if SAEN in ACBnADDR2 is set.
●
The global call address, if GCMTCH in ACBnST register is set.
●
The ARP address, if ARPMATCH in ACBnST register is set.
To send the address byte, use the following sequence:
1. For a receive transaction where the software requires only one byte of data, the software should set ACK in ACBnCTL1
register. If only an address needs to be sent (e.g., for quick read/write protocols) or if the device requires stall for some
other reason, set STASTRE in ACBnCTL1 register to 1.
2. Write the address byte (7-bit target device address) and the direction bit to ACBnSDA register. This causes the module
to generate a transaction. At the end of this transaction, the acknowledge bit received is copied to NEGACK in ACBnST
register. During the transaction, the SDAn and SCLn lines are continuously checked for conflict with other devices. If a
conflict is detected, the transaction is aborted, BER in ACBnST register is set and MASTER in ACBnST register is
cleared.
3. If STASTRE in ACBnCTL1 register is set and the transaction was successfully completed (i.e., both BER and NEGACK
in ACBnST register are cleared), STASTR in ACBnST register is set. In this case, the ACB stalls any further AC-
CESS.bus operations (i.e., holds SCLn low). If INTEN in ACBnCTL1 register is set, it also sends an interrupt to the core.
4. If the requested direction is transmit and the start transaction was completed successfully (i.e., neither NEGACK nor BER
in ACBnST register is set and no other master has accessed the device), SDAST in ACBnST register is set to indicate
that the module awaits attention.
5. If the requested direction is receive, the start transaction was completed successfully and STASTRE in ACBnCTL1 reg-
ister is cleared, the module starts receiving the first byte automatically.
6. Check that both BER and NEGACK in ACBnST register are cleared. If INTEN in ACBnCTL1 register is set, an interrupt
is generated when either BER or NEGACK is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com