Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 255 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 255 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 251Page - National Semiconductor (TI) PC87591E Datasheet HTML 252Page - National Semiconductor (TI) PC87591E Datasheet HTML 253Page - National Semiconductor (TI) PC87591E Datasheet HTML 254Page - National Semiconductor (TI) PC87591E Datasheet HTML 255Page - National Semiconductor (TI) PC87591E Datasheet HTML 256Page - National Semiconductor (TI) PC87591E Datasheet HTML 257Page - National Semiconductor (TI) PC87591E Datasheet HTML 258Page - National Semiconductor (TI) PC87591E Datasheet HTML 259Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
255
www.national.com
Figure 82. TAP Controller State Diagram
For a detailed description of the controller states, see the IEEE 1149.1b-1994 specifications.
All state transitions of the TAP controller occur based on the value of TMS on the rising edge of TCK. TAP actions (described
in Sections 2.1.3 to 2.1.7) occur either on the rising or falling edge of TCK in each controller state, as shown in Figure 83.
Figure 83. Timing of Actions in a Controller State
Tap-Reset
Run-Test
Idle
Select-
DR-Scan
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Exit2-DR
Update-DR
0
0
1
0
1
1
1
0
1
0
0
1
0
0
1
Select-
IR-Scan
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Exit2-IR
Update-IR
0
0
1
0
1
1
1
0
1
0
0
1
0
1
0
1
Note: The value for each state transition represents the signal on TMS
1
for a rising edge at TCK.
State Entered
Controller State
TCK
Actions Occurring on the
Falling Edge of TCK
Actions Occurring on
Rising Edge of TCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com