Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 257 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 257 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 253Page - National Semiconductor (TI) PC87591E Datasheet HTML 254Page - National Semiconductor (TI) PC87591E Datasheet HTML 255Page - National Semiconductor (TI) PC87591E Datasheet HTML 256Page - National Semiconductor (TI) PC87591E Datasheet HTML 257Page - National Semiconductor (TI) PC87591E Datasheet HTML 258Page - National Semiconductor (TI) PC87591E Datasheet HTML 259Page - National Semiconductor (TI) PC87591E Datasheet HTML 260Page - National Semiconductor (TI) PC87591E Datasheet HTML 261Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
257
www.national.com
Data is not inverted between the serial input and serial output of IR.
The IR parallel input status bits, loaded at the Capture IR state of any instruction scan operation, are shown below.
Instruction Register
Operation
Table 38 shows the behavior of IR in each TAP controller state.
All actions resulting from an instruction terminate when a new instruction is transferred to the parallel output of the IR (i.e.,
in Update-IR or TAP-Reset states).
All operations of the shift register stages occur on the rising edge of TCK after entry into a TAP controller state.
Table 38. Instruction Register Operation in Each Controller State
The data present at the parallel output of the IR is latched from the shift register stage on the falling edge of TCK in Update-
IR state.
After entry into TAP-Reset state as a result of TAP controller clocked operation, the BYPASS instruction is latched onto the
IR output on the falling edge of TCK.
Bit
11
7
6
553210
Name
MSG_LEN
PID
RX_BUSY
0
1
Reset
Bit
Description
0
Fixed value (1).
1
Fixed value (0).
2
RX_BUSY (Receive Busy). Busy indication from the Rx data link.
6-3
PID (Processor ID). Contains the processor ID from the Tx data link.
When TINT is set to 1 (not active), PID field is ‘1111’, indicating that the Tx link has no valid data.
When TINT is set to 0 (active), PID field indicates the value of PID field in DBGTXLOC register. Note that this
value is latched when TINT becomes active and is held until the Rx data is read by the host.
11-7
MSG_LEN (Message Length). Contains the Tx message length in words. When the Tx status word PID field is
not ‘1111’, the MSG_LEN holds a copy of the MSG_LEN field in DBGTXST register. When the size of this field
is less than five bits, the MSG_LEN MSBs in the status word are forced to 0.
Controller State
Shift Register Stage
Parallel Output
TAP-Reset
Undefined
Set to give BYPASS instruction
Capture-IR
Load status data (table 2-2)
Retain last state
Shift-IR
Shift towards serial output
Retain last state
Exit1-IR
Exit2-IR
Pause-IR
Retain last state
Retain last state
Update-IR
Retain last state
Load from shift register stage
All other states
Undefined
Retain last state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com