Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 256 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 256 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 252Page - National Semiconductor (TI) PC87591E Datasheet HTML 253Page - National Semiconductor (TI) PC87591E Datasheet HTML 254Page - National Semiconductor (TI) PC87591E Datasheet HTML 255Page - National Semiconductor (TI) PC87591E Datasheet HTML 256Page - National Semiconductor (TI) PC87591E Datasheet HTML 257Page - National Semiconductor (TI) PC87591E Datasheet HTML 258Page - National Semiconductor (TI) PC87591E Datasheet HTML 259Page - National Semiconductor (TI) PC87591E Datasheet HTML 260Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
256
Revision 1.07
TAP Controller Operation
The TAP controller changes state only in response to the following events:
●
A rising edge of TCK
●
Power-up
The TAP controller generates signals to control the operation of the TAP registers and associated PC87591x reset, ISE in-
terrupt control and data link circuitry.
The TDO output buffer and the circuitry that selects the register output fed to TDO are controlled as shown in Table 37.
Changes at TDO, as defined in Table 37, occur on the falling edge of TCK after entry into the state.
Table 37. TAP Operation in Each Controller State
TAP Controller Initialization
Circuitry built into the PC87591x forces the TAP controller into TAP-Reset state at power-up in an asynchronous manner.
The TAP controller must not be initialized by operation of any system input, such as a system reset.
When TMS is equal to 1 for five consecutive TCK cycles, this forces the controller into TAP-Reset state from any state.
4.19.6 TAP Instruction Register
The Instruction Register (IR) allows an instruction to be shifted into the Debugger interface. The instruction selects the mode
of operation, the data register to be addressed or both.
In any serial scan operation, the JTAG serial bus controller transmits and receive vectors of the same length. This serial
scan chain property is used to transmit status bits from the device to the bus controller in any instruction scan operation. The
Instruction register in the PC87591x allows status information generated within the data links to be examined and supports
flash programing, as shown in Table 38 on page 257.
Design and Construction
The IR uses a shift register-based design with a parallel input for register cells other than the two nearest to the serial output.
An instruction, shifted into the register, is latched at the completion of the shifting process.
The IR includes 12 shift register-based cells capable of holding instruction data.
An instruction that is shifted into the register is latched so that the related changes occur only in the Update IR and TAP-
Reset states.
Controller State
Register Selected to Drive TDO
TDO Driver Level
Tap-Reset
Undefined
Inactive
Run-Test-Idle
Undefined
Inactive
Select-DR-Scan
Undefined
Inactive
Select-IR-Scan
Undefined
Inactive
Capture-IR
Undefined
Inactive
Shift-IR
Instruction
Active
Exit1-IR
Undefined
Inactive
Pause-IR
Undefined
Inactive
Exit2-IR
Undefined
Inactive
Update-IR
Undefined
Inactive
Capture-DR
Undefined
Inactive
Shift-DR
Test Data
Active
Exit-DR
Undefined
Inactive
Pause-DR
Undefined
Inactive
Exit2-DR
Undefined
Inactive
Update-DR
Undefined
Inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com