Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 331 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 331 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 327Page - National Semiconductor (TI) PC87591E Datasheet HTML 328Page - National Semiconductor (TI) PC87591E Datasheet HTML 329Page - National Semiconductor (TI) PC87591E Datasheet HTML 330Page - National Semiconductor (TI) PC87591E Datasheet HTML 331Page - National Semiconductor (TI) PC87591E Datasheet HTML 332Page - National Semiconductor (TI) PC87591E Datasheet HTML 333Page - National Semiconductor (TI) PC87591E Datasheet HTML 334Page - National Semiconductor (TI) PC87591E Datasheet HTML 335Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 437 page
background image
Host Controller Interface Modules (Continued)
Revision 1.07
331
www.national.com
Host Configuration Base Address Low (HCFGBAL)
This is a byte-wide read/write register that holds the lower byte of the Host Configuration Registers base address. Bit 0 of
this register is always forced to 0 to guarantee address alignment. This register is cleared on VCC Power-Up reset.
Location: 00 FCC816
Type: R/W
Host Configuration Base Address High (HCFGBAH)
This is a byte-wide read/write register that holds the higher byte of the Host Configuration Registers base address. This reg-
ister is cleared on VCC Power-Up reset.
Location: 00 FCCA16
Type: R/W
MSWC Interrupt Enable Register 2 (MSIEN2)
This is a byte-wide read/write register that holds enable bits for interrupt generation to the core through the MIWU (level high)
for the respective bits in MSWCTL2 and MSWCTL3 registers. The interrupt may be cleared by clearing the status bit or
masking the interrupt. On Warm reset, this register is cleared (0016).
Location: 00 FCCC16
Type: R/W
Bit
Description
0
HRAPU (Host Reset when Accessed During VCC Power-Up Reset). Indicates that a reset should be sent to
the host if LPC activity was detected while the VCC Power-Up reset was not completed. This intends to re-start
any LPC transaction that may have addressed the PC87591x but could not be handled correctly. When
HCFGLK bit is set, writes to this bits are ignored.
0: Do not generate a reset on LPC transactions while the PC87591x is in Power-Up reset
1: Assert KBRST output on LPC transactions while the PC87591x is executing the VCC Power-Up reset sequence
(default)
1
LPFTO (LPC Power Fail Turn Off KBRST and GA20). Indicates the handling of KBRST and GA20 outputs
when LPCPD is active.
0: Ignore LPCPD in handling these signals (default)
1: Force the two signals low while LPCPD is active or VDD is low
2
RTCAL (RTC Alarm). Indicates that an RTC Alarm event occurred. This bit is set on the rising edge of the RTC
Alarm output. It is cleared by writing 1 to it. Note that the ALARM event detection is edge triggered by the
RTCAL bit; thus for a new event to be detected, first RTCAL bit and then Alarm Status bit in the RTC must be
cleared.
0: No RTC Alarm is flagged (default)
1: RTC Alarm rising edge was detected
7-3
Reserved.
Bit
76543210
Name
Host Configuration Registers Base Address Low
Reset
00000000
Bit
76543210
Name
Host Configuration Registers Base Address High
Reset
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com