Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 334 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 334 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 330Page - National Semiconductor (TI) PC87591E Datasheet HTML 331Page - National Semiconductor (TI) PC87591E Datasheet HTML 332Page - National Semiconductor (TI) PC87591E Datasheet HTML 333Page - National Semiconductor (TI) PC87591E Datasheet HTML 334Page - National Semiconductor (TI) PC87591E Datasheet HTML 335Page - National Semiconductor (TI) PC87591E Datasheet HTML 336Page - National Semiconductor (TI) PC87591E Datasheet HTML 337Page - National Semiconductor (TI) PC87591E Datasheet HTML 338Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
334
Revision 1.07
5.5.7
Usage Hints
PWUREQ Output Connection
The PWUREQ concentrates a set of wake-up and other power management events in the PC87591x. In typical use, this
signal is connected to one of the chipset inputs that drive SCI event to the host.
RESET2 Events
When RESET2 is used to reset the host domain, some of the MSWC functions may need to be set to their default values
when a falling edge of the RESET2 is detected. An interrupt routine triggered by this event may be used for this task. The
following functions should be reset:
●
GA20
●
KBRST
●
Host Registers: WK_EN0, WK_SMIEN0 and WK_IRWEN0;
Use the “Core Access to Host-Controlled Modules” for this operation (see Section 5.4 on page 313).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com