Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 332 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 332 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 328Page - National Semiconductor (TI) PC87591E Datasheet HTML 329Page - National Semiconductor (TI) PC87591E Datasheet HTML 330Page - National Semiconductor (TI) PC87591E Datasheet HTML 331Page - National Semiconductor (TI) PC87591E Datasheet HTML 332Page - National Semiconductor (TI) PC87591E Datasheet HTML 333Page - National Semiconductor (TI) PC87591E Datasheet HTML 334Page - National Semiconductor (TI) PC87591E Datasheet HTML 335Page - National Semiconductor (TI) PC87591E Datasheet HTML 336Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 437 page
background image
Host Controller Interface Modules (Continued)
www.national.com
332
Revision 1.07
MSWC Host Event Status Register 0 (MSHES0)
This register holds information similar to that in WK_STS0 register. The same event that causes a WK_STS0 bit to be set
sets the respective bit in MSHES0 register. Clearing bits is done for each of the status registers separately. This register is
reset to 0016 on VCC power-up or Host Domain Software reset. Writing 1 to a bit clears it to 0. Writing 0 has no effect. Bit 6
of this register behaves in a special way on set and clear, as described below.
Location: Offset 00 FCCE16
Type: R/W1C
Bit
76543210
Name
EICFGPSO EICFGPBM
EIACPIS5
EIACPIS4
EIACPIS3
EIACPIS2
EIACPIS1
EIRTCAL
Reset
00000000
Bit
Description
0
EIRTCAL (Enable Interrupt on RTC Alarm). Mask generation of interrupt to the core on setting of the RTC
Alarm bit in MSWCTL1 register.
0: Interrupt disabled (default)
1: Generate a level high interrupt when the RTC Alarm bit is set
5-1
EIACPIS5-1 (Enable Interrupt ACPI request for S5 through S1). Mask generation of interrupt to the core on
changes to ACPISi (i=5-1) bit in MSWCTL2 register. An interrupt enable for ACPIS0 is enabled when any of
these bits is set.
0: Interrupt disabled (default)
1: Generate a level high interrupt on any change to the ACPISi bit
6
EICFGPBM (Enable Interrupt SuperI/O Configuration Register D Power Button Mode). Mask generation of
interrupt to the core on changes to CFGPBM bit in MSWCTL2 register.
0: Interrupt disabled (default)
1: Generate a level high interrupt on any change to the CFGPBM bit
7
EICFGPSO (Enable Interrupt SuperI/O Configuration Register D Power Supply Off). Mask generation of
interrupt to the core on changes to CFGPSO bit in MSWCTL2 register.
0: Interrupt disabled (default)
1: Generate a level high interrupt on any change to the CFGPBM bit
Bit
76543210
Name
Module IRQ
Event
Status
Software
Event
Status
Reserved
RING
Event
Status
Reserved
RI2
Event
Status
RI1
Event
Status
Reset
00000000
Bit
Description
0
RI1 Event Status.
0: Event not detected (default)
1: Event detected
1
RI2 Event Status.
0: Event not detected (default)
1: Event detected
2
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com