Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 342 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 342 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 338Page - National Semiconductor (TI) PC87591E Datasheet HTML 339Page - National Semiconductor (TI) PC87591E Datasheet HTML 340Page - National Semiconductor (TI) PC87591E Datasheet HTML 341Page - National Semiconductor (TI) PC87591E Datasheet HTML 342Page - National Semiconductor (TI) PC87591E Datasheet HTML 343Page - National Semiconductor (TI) PC87591E Datasheet HTML 344Page - National Semiconductor (TI) PC87591E Datasheet HTML 345Page - National Semiconductor (TI) PC87591E Datasheet HTML 346Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 342 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
www.national.com
342
Revision 1.07
SuperI/O configuration section for the shared memory bridge. The number of address bits used for this decoding varies ac-
cording to the specified zones and their sizes. See “Memory Range Programing” on page 350 and “Shared Memory Config-
uration Register” on page 351 for details about the address range specifications.
6.1.5
Interrupt Serializer
The Interrupt Serializer translates internal IRQ sources into serial interrupt request data transmitted over the SERIRQ bus.
Figure 111 shows the interrupt serialization mechanism.
Figure 111. Interrupt Serialization Mechanism
The internal IRQ signals are fed into an IRQ Mapping and Polarity Control block. This block maps them to their associated
IRQ slots. The IRQs are then fed into the Interrupt Serializer, where they are translated into serial data and transmitted over
the SERIRQ bus.
6.1.6
Protection
The PC87591x provides features to protect the Personal Computer (PC) at software levels. The PC can be locked to protect
configuration bits and to prevent alteration of the device hardware configuration and several types of configuration settings.
The use of all protection mechanisms is optional.
6.1.7
LPC Interface
LPC Transactions Supported
The PC87591x LPC interface responds to the following LPC transactions as part of the standard Host Bus interface:
— I/O read cycles
— I/O write cycles
In addition, the Shared Memory module uses the following transactions:
— 8-bit memory read and write
— 8-bit FWH read and write
LPC transactions conform with Intel’s LPC Interface Specification, Revision 1.0.
The LPC- FWH read and write protocols are similar to memory read and write cycles. The specifications of these cycles are
listed below. The Address, Data, TAR and SYNC cycles are as specified for LPC memory read and write cycles. The START
and ID fields are similar to the equivalent cycle in LPC memory read and write transactions but differ in the data placed on
the LAD signals (see details in the cycle description).
Note: The PC87591x supports FWH transactions from LPC controllers that accept wait-sync and long wait-sync cycles. With
other LPC controllers, use the indirect write mechanism in the Shared Memory module to perform write operations.
FWH Read Cycle
1. START: 110116 (0xD).
2. ID field: FWH ID nibble (compared with bits 7-4 of shared memory; see “Shared Memory Configuration Register” on
page 351).
3. Address: Eight address nibbles, MS nibble first; see usage below).
4. TAR (two cycles).
5. SYNC.
6. DATA: Two data nibbles, LS nibble first (D3-D0, D7-D4).
7. TAR (two cycles).
IRQ Mapping,
Enable and Polarity
Control
Internal
IRQ
Sources
Control
Signals
Interrupt
Serializer
LPC Interface
SERIRQ
IRQ1
IRQ15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com