Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 343 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 343 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 339Page - National Semiconductor (TI) PC87591E Datasheet HTML 340Page - National Semiconductor (TI) PC87591E Datasheet HTML 341Page - National Semiconductor (TI) PC87591E Datasheet HTML 342Page - National Semiconductor (TI) PC87591E Datasheet HTML 343Page - National Semiconductor (TI) PC87591E Datasheet HTML 344Page - National Semiconductor (TI) PC87591E Datasheet HTML 345Page - National Semiconductor (TI) PC87591E Datasheet HTML 346Page - National Semiconductor (TI) PC87591E Datasheet HTML 347Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
343
www.national.com
FWH Write Cycle:
1. START: 111016 (0xE).
2. ID field: FWH ID nibble (compared with bits 7-4 of shared memory; see “Shared Memory Configuration Register” on
page 351).
3. Address: Eight address nibbles MS nibble first (see usage below).
4. DATA: Two data nibbles, LS nibble first (D3-D0, D7-D4).
5. TAR (two cycles).
6. SYNC.
7. TAR (two cycles).
The ID field is compared with bits 7-4 of shared memory; see “Shared Memory Configuration Register” on page 351. If the
two match, the PC87591x continues handling the transaction; if they do not match, the current LPC-FWH transaction is ig-
nored.
LPC-FWH Address translation: The address field in the LPC-FWH transaction is constructed of eight nibbles. The first seven
correspond to the first LS seven address nibbles (A27-A0) as follows: The first nibble that appears corresponds to addresses
A27-A24, the second to A23-A20, until the seventh incoming nibble, which corresponds to addresses A3-A0. Incoming nib-
ble number eight is ignored. The MS bits of the 32-bit addresses are ‘1111’ (A31 - A28).
Core Interrupt
Whenever there is an LPC or FWH transaction that is responded to by any of the PC87591x logical devices, a positive pulse
is generated on the Host Access Wake-Up input of the MIWU module. This interrupt may be used to wake up the core for
handling any host activity.
CLKRUN Functionality
The PC87591x supports the CLKRUN I/O signal, the use of which is highly recommended in portable systems. This signal
is implemented according to the specification in PCI Mobile Design Guide, Revision 1.1, December 18, 1998. The PC87591x
supports operation with both a slow and stopped clock in ACPI state S0 (the system is active but is not being accessed).
The PC87591x drives the CLKRUN low to force the LPC bus clock into full speed operation when an IRQ is pending inter-
nally and waiting to be sent through the serial IRQ.
LPCPD Functionality
The PC87591x supports the LPCPD input. This signal is used when the VDD chip supply is not shared by all residents of the
LPC bus. The LPCPD signal conforms with Intel’s LPC Interface Specification, Revision 1.0. Note that if the PC87591x pow-
er supply exists while LPCPD is active, it is not mandatory to reset the PC87591x when LPCPD is de-asserted.
6.1.8
SuperI/O Configuration Registers
This section describes the SuperI/O configuration and ID registers (those registers with first level indexes in the range of
2016 - 2E16). See Table 55 for a summary and directory of these registers.
For a summary of the abbreviations used for Register Type, see “Register Abbreviations and Access” on page 34.
Table 55. SuperI/O Configuration Registers
Index
Mnemonic
Register Name
Power Well
Type
2016
SID
SuperI/O ID
VDD
RO
2116
SIOCF1
SuperI/O Configuration 1
VDD
Varies per bit
2216 -2416 Reserved exclusively for National use
2516
SIOCF5
SuperI/O Configuration 5
VDD
R/W
2616
SIOCF6
SuperI/O Configuration 6
VDD
R/W
2716
SRID
SuperI/O Revision ID
VDD
RO
2816
SIOCF8
SuperI/O Configuration 8
VDD
R/W
2916
SIOCF9
SuperI/O Configuration 9
VDD
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com