Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 347 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 347 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 343Page - National Semiconductor (TI) PC87591E Datasheet HTML 344Page - National Semiconductor (TI) PC87591E Datasheet HTML 345Page - National Semiconductor (TI) PC87591E Datasheet HTML 346Page - National Semiconductor (TI) PC87591E Datasheet HTML 347Page - National Semiconductor (TI) PC87591E Datasheet HTML 348Page - National Semiconductor (TI) PC87591E Datasheet HTML 349Page - National Semiconductor (TI) PC87591E Datasheet HTML 350Page - National Semiconductor (TI) PC87591E Datasheet HTML 351Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
347
www.national.com
SuperI/O Configuration 9 Register (SIOCF9)
Location: Index 2916
Type: R/W
SuperI/O Configuration D Register (SIOCFD)
This is a battery-backed register.
Location: Index 2D16
Type: R/W
Bit
76
5
43210
Name
Reserved
Reserved
Reset
0
0
0
00001
Bit
Description
7-0
Reserved.
Bit
76543210
Name
Reserved
Power
Supply Off
Power
Button
Mode
Reset
00000000
Bit
Description
0
Power Button Mode. This is a R/W bit. The value of this bit is available to the core through a register in the
MSWC; see Section 5.5 on page 318.
0: Legacy (default at VCC Power-Up reset)
1: ACPI
1
Power Supply Off. This is a R/W bit. It always returns 0 when read. When using Legacy mode (bit 0 is set to
0) and setting this bit to 1, this bit indicates to the core that the host requests shutting down the power. The
value of this bit is available to the core by reading a register in the MSWC; see Section 5.5 on page 318.
0: No action (default at VPP Power-Up reset)
1: Indicates power shut down to the core in Legacy mode
7-2
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com