Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 348 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 348 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 344Page - National Semiconductor (TI) PC87591E Datasheet HTML 345Page - National Semiconductor (TI) PC87591E Datasheet HTML 346Page - National Semiconductor (TI) PC87591E Datasheet HTML 347Page - National Semiconductor (TI) PC87591E Datasheet HTML 348Page - National Semiconductor (TI) PC87591E Datasheet HTML 349Page - National Semiconductor (TI) PC87591E Datasheet HTML 350Page - National Semiconductor (TI) PC87591E Datasheet HTML 351Page - National Semiconductor (TI) PC87591E Datasheet HTML 352Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
www.national.com
348
Revision 1.07
6.1.9
Mobile System Wake-Up Control (MSWC) Configuration
Logical Device 4 (MSWC) Configuration
Table 56 lists the configuration registers that affect the MSWC. See Section 6.1.2 on page 340 for a detailed description of
these registers.
Table 56. Mobile System Wake-Up Control (MSWC) Configuration Registers
6.1.10 Keyboard and Mouse Controller (KBC) Configuration
Logical Devices 5 and 6 (Mouse and Keyboard) Configuration
Tables 57 and 58 list the configuration registers that affect the Mouse and the Keyboard respectively. Only the last register
(F016) is described here. See “Standard Logical Device Configuration Register Definitions” on page 337 and Section 6.1.2
on page 340 for descriptions of the other configuration registers.
Usage Hints: It is recommended to set the type of interrupt request as level and its level of interrupt as high.
Table 57. Mouse Configuration Registers
Index
Configuration Register or Action
Type
Reset
3016
Activate. When bit 0 is cleared, the registers of this logical device are not
accessible.1
1. The logical device registers are maintained, and all wake-up detection mechanisms are functional.
R/W
0016
6016
Base Address MSB register.
R/W
0016
6116
Base Address LSB register. Bits 4-0 (for A4-0) are read only, ‘00000’.
R/W
0016
7016
Interrupt Number.
R/W
0016
7116
Interrupt Type. Bit 1 is read/write. Other bits are read only.
R/W
0316
7416
Report no DMA assignment.
RO
0416
7516
Report no DMA assignment.
RO
0416
Index
Mouse Configuration Register or Action
Type
Reset
3016
Activate. See also bit 0 of the SIOCF1. When the Mouse of the KBC is inactive,
the IRQ selected by the Mouse Interrupt Number and Wake-Up on IRQ Enable
register (index 7016) is not asserted. This register has no effect on host KBC
commands handling the PS/2 Mouse.
R/W
0016
7016
Mouse Interrupt Number and Wake-Up on IRQ Enable register.
R/W
0C16
7116
Mouse Interrupt Type. Bit 1 is read/write; other bits are read only.
R/W
0316
7416
Report no DMA assignment.
RO
0416
7516
Report no DMA assignment.
RO
0416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com