Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 346 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 346 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 342Page - National Semiconductor (TI) PC87591E Datasheet HTML 343Page - National Semiconductor (TI) PC87591E Datasheet HTML 344Page - National Semiconductor (TI) PC87591E Datasheet HTML 345Page - National Semiconductor (TI) PC87591E Datasheet HTML 346Page - National Semiconductor (TI) PC87591E Datasheet HTML 347Page - National Semiconductor (TI) PC87591E Datasheet HTML 348Page - National Semiconductor (TI) PC87591E Datasheet HTML 349Page - National Semiconductor (TI) PC87591E Datasheet HTML 350Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
www.national.com
346
Revision 1.07
SuperI/O Revision ID Register (SRID)
This register contains the ID number of the specific family member (Chip ID) and the chip revision number (Chip Rev). The
Chip Rev is incremented on each revision.
Location: Index 2716
Type: RO
SuperI/O Configuration 8 Register (SIOCF8)
Location: Index 2816
Type: R/W
4
RTC Disabled.
0: Enabled (default)
1: Disabled
6-5
General-Purpose Scratch.
7
SIOCF6 Software Lock. When set to 1 by software, it and other bits in this register can be cleared only by Host
Domain Hardware reset.
0: Write access to bits 0-6 of this register enabled (default)
1: Bits 6-0 of this register are read only.
Bit
76543210
Name
Chip ID
Chip Rev
Reset
See values in field description
XXXXX
Bit
Description
4-0
Chip Rev. Identifies the device revision.
7-5
Chip ID. Identifies a specific device of the PC87591x family.
Bits
7 6 5
Device
0 0 0:
PC87591E
0 0 1:
PC87591S
1 0 0:
PC87591 L
Other:
Reserved
Bit
76
5
43210
Name
Reserved
Reset
0
0
0
00000
Bit
Description
7-0
Reserved.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com