Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 352 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 352 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 348Page - National Semiconductor (TI) PC87591E Datasheet HTML 349Page - National Semiconductor (TI) PC87591E Datasheet HTML 350Page - National Semiconductor (TI) PC87591E Datasheet HTML 351Page - National Semiconductor (TI) PC87591E Datasheet HTML 352Page - National Semiconductor (TI) PC87591E Datasheet HTML 353Page - National Semiconductor (TI) PC87591E Datasheet HTML 354Page - National Semiconductor (TI) PC87591E Datasheet HTML 355Page - National Semiconductor (TI) PC87591E Datasheet HTML 356Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 437 page
background image
6.0 Host-Controlled Modules and Host Interface (Continued)
www.national.com
352
Revision 1.07
Shared Memory Base Address Low Byte Register
This register describes the low byte for the user-defined memory zone mapped to the shared memory (decoded as bits 23
to 16 of the 32-bit address range, bits 15-0 are 0). This register is reset to 0016 on Host Domain Hardware reset.
Location: Index F616
Type: R/W
Shared Memory Size Configuration Register
This register defines the size of the user-defined memory zone mapped to the shared memory. This register is reset to 0016
on host domain hardware reset.
Location: Index F716
Type: R/W
Bit
76543210
Name
User-Defined Memory Zone Address Low
Reset
00000000
Bit
Description
7-0
User-Defined Memory Zone Address Low. Defines the lower eight bits of the user-defined memory block base
address. The base address should be aligned on the selected block size.
Bit
76543210
Name
Reserved
User-Defined Memory Zone Size
Reset
00000000
Bit
Description
3-0
User-Defined Memory Zone Size. Defines the size, in bytes, of the zone window. The size is defined as an
exponent of two, using the equation: NumOfBytes = 2n (where, n = User-Defined Memory Zone size+16). The
zone must always be aligned to the window size (i.e., for a 128 Kbyte window, the 17 LSBs of the address
should be zero).
Bits
3 2 1 0 Size (Bytes)
0 0 0 0 64K (default)
. . .
0 1 0 1 2M
Other
Reserved
7-4
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com