| Electronic Components Datasheet Search |
|
PC87591E Datasheet(PDF) 355 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87591E Datasheet(HTML) 355 Page - National Semiconductor (TI) |
|
355 / 437 page ![]() 6.0 Host-Controlled Modules and Host Interface (Continued) Revision 1.07 355 www.national.com 6.1.13 Power Management Interface Channel 1 Configuration Logical Device 17 (1116) Power Management Channel 1 ● Table 63 lists the configuration registers that affect Power Management I/F Channel 1 See “Standard Logical Device Configuration Register Definitions” on page 337 and Section 6.1.2 on page 340 for descrip- tions of the other configuration registers. Table 63. Power Management Configuration Registers 6.1.14 Power Management Interface Channel 2 Configuration Logical Device 18 (1216) Power Management Channel 2 Table 64 lists the configuration registers that affect Power Management I/F Channel 2. See Section 6.1.2 on page 340 for descriptions of the other configuration registers. Table 64. Power Management Configuration Registers Index Power Management Channel 1 Configuration Register or Action Type Reset 3016 Activate. See also bit 0 of the SIOCF1. R/W 0016 6016 Data Register Base Address MSB register. Bits 7-3 (for A15-11) are read only, ‘00000’. R/W 0016 6116 Data Register Base Address LSB register. R/W 6216 6216 Command/Status Base Address MSB register. Bits 7-3 (for A15-11) are read only, ‘00000’. R/W 0016 6316 Command/Status Base Address LSB. R/W 6616 7016 PM Interrupt Number and Wake-Up on IRQ Enable register. R/W 0116 7116 PM Interrupt Type. Bit 1 is read/write; other bits are read only. R/W 0316 7416 Report no DMA assignment. RO 0416 7516 Report no DMA assignment. RO 0416 Index Power Management 2 Configuration Register or Action Type Reset 3016 Activate. See also bit 0 of the SIOCF1. R/W 0016 6016 Data Register Base Address MSB register. Bits 7-3 (for A15-11) are read only, ‘00000‘. R/W 0016 6116 Data Register Base Address LSB register. R/W 6816 6216 Command/Status Base Address MSB register. Bits 7-3 (for A15-11) are read only, ‘00000’. R/W 0016 6316 Command/Status Base Address LSB. R/W 6C16 7016 PM Interrupt Number and Wake-Up on IRQ Enable register. R/W 0116 7116 PM Interrupt Type. Bit 1 is read/write; other bits are read only. R/W 0316 7416 Report no DMA assignment. RO 0416 7516 Report no DMA assignment. RO 0416 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |