Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 359 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 359 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 355Page - National Semiconductor (TI) PC87591E Datasheet HTML 356Page - National Semiconductor (TI) PC87591E Datasheet HTML 357Page - National Semiconductor (TI) PC87591E Datasheet HTML 358Page - National Semiconductor (TI) PC87591E Datasheet HTML 359Page - National Semiconductor (TI) PC87591E Datasheet HTML 360Page - National Semiconductor (TI) PC87591E Datasheet HTML 361Page - National Semiconductor (TI) PC87591E Datasheet HTML 362Page - National Semiconductor (TI) PC87591E Datasheet HTML 363Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
359
www.national.com
6.2.7
Updating
The time and calendar registers are updated once per second regardless of bit 7 (SET) of CRB register. Since the time and
calendar registers are updated serially, unpredictable results may occur if they are accessed during the update. Therefore,
it is essential to ensure that reading or writing to the time storage locations does not coincide with a system update of these
locations. There are several methods to avoid this contention.
Method 1
1. Set bit 7 of CRB register to 1. This takes a “snapshot” of the internal time registers and loads them into the user copy
registers. The user copy registers are seen when accessing the RTC from outside and are part of the double buffering
mechanism. This bit may be kept set for up to 1 second, since the time/calendar chain continues to be updated once per
second.
2. Read or write the required registers (since bit 1 is set, the access is to the user copy registers). If a read operation is
performed, the information read is correct from the time bit 1 was set. If a write operation is performed, the write is only
to the user copy registers.
3. Reset bit 1 to 0. During the transition, the user copy registers update the internal registers, using the double buffering
mechanism to ensure that the update is performed between two time updates. This mechanism enables new time pa-
rameters to be loaded in the RTC.
Method 2
1. Access the RTC registers after detection of an Update Ended interrupt. This implies that an update has just been com-
pleted, and 999 ms remain until the next update.
2. To detect an Update Ended interrupt, do one of the following:
— Poll bit 4 of CRC register.
— Use the following interrupt routine:
a.
Set bit 4 of CRB register.
b.
Wait for an interrupt from interrupt pin.
c.
Clear the IRQF flag of CRC register before exiting the interrupt routine.
Method 3
Poll bit 7 of CRA register. The update occurs 244
µs after this bit goes high. Therefore, if a 0 is read, the time registers remain
stable for at least 244
µs.
Method 4
Use a periodic interrupt routine to determine if an update cycle is in progress, as follows:
1. Set the periodic interrupt to the desired period.
2. Set bit 6 of CRB register to enable the interrupt from periodic interrupt.
3. Wait for the periodic interrupt to occur. This indicates that the period represented by the following expression remains
until another update occurs:
[(Period of periodic interrupt
/ 2) + 244 µs]
6.2.8
Alarms
The timekeeping function can be set to generate an alarm when the current time reaches a stored alarm time. After each
RTC time update (every 1 second), the seconds, minutes, hours, date of month and month counters are compared with their
corresponding registers in the alarm settings. If equal, bit 5 of CRC register is set. Bit 5 of CRC is sent to the MSWC as an
alarm signal. If the Alarm Interrupt Enable bit was previously set (bit 5 of CRB register), interrupt request pin is also active.
Any alarm register may be set to “Unconditional Match” by setting bits 7-6 to ‘11’. This combination, not used by any BCD
or binary time codes, results in a periodic alarm. The rate of this periodic alarm is determined by the registers that were set
to “Unconditional Match”.
For example, if all but the seconds and minutes alarm registers are set to “Unconditional Match”, an interrupt is generated
every hour at the specified minute and second. If all but the seconds, minutes and hours alarm registers are set to “Uncon-
ditional Match”, an interrupt is generated every day at the specified hour, minute and second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com