Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 358 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 358 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 354Page - National Semiconductor (TI) PC87591E Datasheet HTML 355Page - National Semiconductor (TI) PC87591E Datasheet HTML 356Page - National Semiconductor (TI) PC87591E Datasheet HTML 357Page - National Semiconductor (TI) PC87591E Datasheet HTML 358Page - National Semiconductor (TI) PC87591E Datasheet HTML 359Page - National Semiconductor (TI) PC87591E Datasheet HTML 360Page - National Semiconductor (TI) PC87591E Datasheet HTML 361Page - National Semiconductor (TI) PC87591E Datasheet HTML 362Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
www.national.com
358
Revision 1.07
Signal Parameters
The signal levels should conform to the voltage level requirements for 32KCLKIN/32KX1, stated in Section 7 on page 372.
The signal should have a duty cycle of approximately 50%. To oscillate during power-down, it should be sourced from a
battery-backed source. This guarantees that the RTC delivers updated time/calendar information.
6.2.5
Timing Generation
The timing generation function divides the 32.768 KHz clock by 215 to derive a 1 Hz signal, which serves as the input for the
seconds counter. This is performed by a divider chain composed of 15 divide-by-two latches, as shown in Figure 115.
Figure 115. Divider Chain Control
Bits 6-4 (DV2-0) of CRA register control the following functions:
●
Normal operation of the divider chain (counting)
●
Divider chain reset to 0
●
Oscillator activity when only VBAT power is present (backup state).
The divider chain can be activated by setting normal operational mode (bits 6-4 of CRA = 0102). The first update occurs
500 ms after divider chain activation.
Bits 3-0 of CRA register select one the of 15 taps from the divider chain to be used as a periodic interrupt. The periodic flag
becomes active after half of the programed period has elapsed, following divider chain activation.
See “RTC Control Register A (CRA)” on page 367 for more details.
6.2.6
Timekeeping
Data Format
Time is kept in BCD or binary format, as determined by bit 2 (DM) of Control Register B (CRB), and in either 12 or 24-hour
format, as determined by bit 1 of this register.
Note: When changing the above formats, re-initialize all the time registers.
Daylight Saving
Daylight saving time exceptions are handled automatically, as described in the RTC Control Register B (CRB) in
Section 6.2.15 on page 363.
Leap Years
Leap year exceptions are handled automatically by the internal calendar function. Every four years, February is extended to
29 days. Year 2000 is a leap year.
32.768 KHz
2
1
2
2
2
3
2
13
2
14
2
15
1Hz
Divider Chain
DV2 DV1 DV0
CRA Register
Oscillator
Enable
32KX1 /
32KX2
To other
Reset
6
5
4
modules
32KCLKIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com