Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 362 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 362 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 358Page - National Semiconductor (TI) PC87591E Datasheet HTML 359Page - National Semiconductor (TI) PC87591E Datasheet HTML 360Page - National Semiconductor (TI) PC87591E Datasheet HTML 361Page - National Semiconductor (TI) PC87591E Datasheet HTML 362Page - National Semiconductor (TI) PC87591E Datasheet HTML 363Page - National Semiconductor (TI) PC87591E Datasheet HTML 364Page - National Semiconductor (TI) PC87591E Datasheet HTML 365Page - National Semiconductor (TI) PC87591E Datasheet HTML 366Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
www.national.com
362
Revision 1.07
6.2.12 Oscillator Activity
The RTC oscillator is active if:
●
VCC power supply is higher than VCCON, independent of the battery voltage, VBAT.
●
VBAT power supply is higher than VBATMIN whether or not VCC is present.
The RTC oscillator is disabled in the following cases:
●
During power-down (VBAT only), if the battery voltage drops below VBATMIN, the PC87591x may enter Battery Fail
state. In this case, the oscillator may stop oscillating and memory contents may be corrupted or lost.
●
Software wrote 00X to DV2-0 bits of CRA register and VCC is removed. This disables the oscillator and decreases
the power consumption from the battery connected to the VBAT pin. When disabling the oscillator, the CMOS RAM is
not affected as long as the battery is present at a correct voltage level.
If the RTC oscillator becomes inactive, the following features are dysfunctional/disabled:
●
Timekeeping
●
Periodic interrupt
●
Alarm
6.2.13 Interrupt Handling
The RTC has a single Interrupt Request line, which handles the following three interrupt conditions:
●
Periodic interrupt
●
Alarm interrupt
●
Update end interrupt
The interrupts are generated if the respective enable bits in CRB register are set prior to an interrupt event occurrence.
Reading the CRC register clears all interrupt flags. Therefore, when multiple interrupts are enabled, the interrupt service
routine should first read and store the CRC register and then deal with all pending interrupts by referring to this stored status.
If an interrupt is not serviced before a second occurrence of the same interrupt condition, the second interrupt event is lost.
Figure 121 illustrates the interrupt timing in the RTC.
Figure 121. Interrupt/Status Timing
Flags (and IRQ) are reset at the conclusion of CRC read
or by reset.
A
=
Update In Progress bit high before
update occurs = 244
µs
B
=
Periodic interrupt to update
=
Period (periodic int) / 2 + 244
µs
C =
Update to Alarm Interrupt = 30.5
µs
P
=
Period is programed by RS3-0 of CRA
Bit 7
Bit 4
Bit 6
Bit 5
A
C
of CRA
of CRC
of CRC
of CRC
P/2
P/2
244
µs
30.5
µs
B
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com