Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 365 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 365 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 361Page - National Semiconductor (TI) PC87591E Datasheet HTML 362Page - National Semiconductor (TI) PC87591E Datasheet HTML 363Page - National Semiconductor (TI) PC87591E Datasheet HTML 364Page - National Semiconductor (TI) PC87591E Datasheet HTML 365Page - National Semiconductor (TI) PC87591E Datasheet HTML 366Page - National Semiconductor (TI) PC87591E Datasheet HTML 367Page - National Semiconductor (TI) PC87591E Datasheet HTML 368Page - National Semiconductor (TI) PC87591E Datasheet HTML 369Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
365
www.national.com
Seconds Alarm Register (SECA)
Location: Index 0116
Type: R/W
Minutes Register (MIN)
Location: Index 0216
Type: R/W
Minutes Alarm Register (MINA)
Location: Index 0316
Type: R/W
Hours Register (HOR)
Location: Index 0416
Type: R/W
Bit
76543210
Name
Seconds Alarm Data
Reset
00000000
Bit
Description
7-0
Seconds Alarm Data. Values may be 00 to 59 in BCD format or 00 to 3B in binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected.
Bit
76543210
Name
Minutes Data
Reset
00000000
Bit
Description
7-0
Minutes Data. Values may be 00 to 59 in BCD format or 00 to 3B in binary format.
Bit
76543210
Name
Minutes Alarm Data
Reset
00000000
Bit
Description
7-0
Minutes Alarm Data. Values may be 00 to 59 in BCD format or 00 to 3B in binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected.
Bit
76543210
Name
Hours Data
Reset
00000000
Bit
Description
7-0
Hours Data. For 12-hour mode, values may be 01 to 12 (a.m.) and 81 to 92 (p.m.) in BCD format or 01 to 0C
(a.m.) and 81 to 8C (p.m.) in binary format. For 24-hour mode, values may be 00 to 23 in BCD format or 00 to
17 in binary format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com