Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 367 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 367 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 363Page - National Semiconductor (TI) PC87591E Datasheet HTML 364Page - National Semiconductor (TI) PC87591E Datasheet HTML 365Page - National Semiconductor (TI) PC87591E Datasheet HTML 366Page - National Semiconductor (TI) PC87591E Datasheet HTML 367Page - National Semiconductor (TI) PC87591E Datasheet HTML 368Page - National Semiconductor (TI) PC87591E Datasheet HTML 369Page - National Semiconductor (TI) PC87591E Datasheet HTML 370Page - National Semiconductor (TI) PC87591E Datasheet HTML 371Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
367
www.national.com
Year Register (YER)
Location: Index FF16
Type: R/W
RTC Control Register A (CRA)
This register controls test selection, among other functions and cannot be written before reading bit 7 of the CRD register.
Location: Index 0A16
Type: R/W
Table 66. Divider Chain Control and Test Selection
Bit
76543210
Name
Year Data
Reset
00000000
Bit
Description
7-0
Year Data. Values may be 00 to 99 in BCD format or 00 to 63 in binary format.
Bit
76543210
Name
Update in
Progress
Divider Chain Control 2-0
Periodic Interrupt Rate Select 3-0
Reset
00100000
Bit
Description
3-0
Periodic Interrupt Rate Select. These R/W bits select one of 15 output taps from the clock divider chain to
control the rate of the periodic interrupt (see Table 67 on page 368 and Figure 115 on page 358). They are
cleared to 0002 as long as bit 7 of CRD register is 0.
6-4
Divider Chain Control. These R/W bits control the configuration of the divider chain for timing generation and
register bank selection (see Table 66). They are cleared to 0002 as long as bit 7 of CRD register is 0.
7
Update in Progress. This RO bit is not affected by reset; it is 0 when bit 7 of CRB register is 1.
0: Timing registers not updated within 244
µs
1: Timing registers updated within 244
µs
DV2
DV1
DV0
Configuration
CRA6
CRA5
CRA4
0
0
X
Oscillator Disabled
0
1
0
Normal Operation
011
Test
10
X
1
1
X
Divider Chain Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com