Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 370 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 370 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 366Page - National Semiconductor (TI) PC87591E Datasheet HTML 367Page - National Semiconductor (TI) PC87591E Datasheet HTML 368Page - National Semiconductor (TI) PC87591E Datasheet HTML 369Page - National Semiconductor (TI) PC87591E Datasheet HTML 370Page - National Semiconductor (TI) PC87591E Datasheet HTML 371Page - National Semiconductor (TI) PC87591E Datasheet HTML 372Page - National Semiconductor (TI) PC87591E Datasheet HTML 373Page - National Semiconductor (TI) PC87591E Datasheet HTML 374Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
www.national.com
370
Revision 1.07
RTC Control Register D (CRD)
Location: Index 0D16
Type: RO
Date of Month Alarm Register (DOMA)
Location: Programmable Index
Type: R/W
Month Alarm Register (MONA)
Location: Programmable Index
Type: R/W
Bit
76543210
Name
Valid RAM
and Time
Reserved
Reset
00000000
Bit
Description
6-0
Reserved.
7
Valid RAM and Time. This bit senses the voltage that feeds the RTC (VCC or VBAT) and indicates whether or
not it was too low since the last time this bit was read. If it was too low (i.e., < VLOWBAT), the RTC contents
(time/calendar registers and CMOS RAM) are not valid. This bit is set after the CRD is read.
0: The voltage that feeds the RTC was too low
1: RTC contents (time/calendar registers and CMOS RAM) valid
Bit
76543210
Name
Date of Month Alarm Data
Reset
11000000
Bit
Description
7-0
Date of Month Alarm Data. Values may be 01 to 31 in BCD format or 01 to 1F in binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected (default).
Bit
76543210
Name
Month Alarm Data
Reset
11000000
Bit
Description
7-0
Month Alarm Data. Values may be 01 to 12 in BCD format or 01 to 0C in binary format.
When bits 7 and 6 are both set to one (“11”), unconditional match is selected (default).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com