Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 368 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 368 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 364Page - National Semiconductor (TI) PC87591E Datasheet HTML 365Page - National Semiconductor (TI) PC87591E Datasheet HTML 366Page - National Semiconductor (TI) PC87591E Datasheet HTML 367Page - National Semiconductor (TI) PC87591E Datasheet HTML 368Page - National Semiconductor (TI) PC87591E Datasheet HTML 369Page - National Semiconductor (TI) PC87591E Datasheet HTML 370Page - National Semiconductor (TI) PC87591E Datasheet HTML 371Page - National Semiconductor (TI) PC87591E Datasheet HTML 372Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
www.national.com
368
Revision 1.07
RTC Control Register B (CRB)
Location: Index 0B16
Type: R/W
.
Table 67. Periodic Interrupt Rate Encoding
Rate Select
3210
Periodic Interrupt
Rate (ms)
Divider Chain
Output
0 0 0 0
No interrupts
-
0 0 0 1
3.906250
7
0 0 1 0
7.812500
8
0 0 1 1
0.122070
2
0 1 0 0
0.244141
3
0 1 0 1
0.488281
4
0 1 1 0
0.976562
5
0 1 1 1
1.953125
6
1 0 0 0
3.906250
7
1 0 0 1
7.812500
8
1 0 1 0
15.625000
9
1 0 1 1
31.250000
10
1 1 0 0
62.500000
11
1 1 0 1
125.000000
12
1 1 1 0
250.000000
13
1 1 1 1
500.000000
14
Bit
76543210
Name
Set Mode
Periodic
Interrupt
Enable
Alarm
Interrupt
Enable
Update
Ended
Interrupt
Enable
Reserved
Data Mode Hour Mode
Daylight
Savings
Reset
00000000
Bit
Description
0
Daylight Savings. This bit is reset at VPP Power-Up reset only.
0: Disabled
1: Enabled
In the spring, time advances from 1:59:59 AM to 3:00:00 AM on the first Sunday in April.
In the fall, time returns from 1:59:59 AM to 1:00:00 AM on the last Sunday in October.
1
Hour Mode. This bit is reset at VPP Power-Up reset only.
0: 12-hour format enabled
1: 24-hour format enabled
2
Data Mode. This bit is reset at VPP Power-Up reset only.
0: BCD format enabled
1: Binary format enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com