Electronic Components Datasheet Search
  English  ▼

X  

PC87591E Datasheet(PDF) 369 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 369 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 365Page - National Semiconductor (TI) PC87591E Datasheet HTML 366Page - National Semiconductor (TI) PC87591E Datasheet HTML 367Page - National Semiconductor (TI) PC87591E Datasheet HTML 368Page - National Semiconductor (TI) PC87591E Datasheet HTML 369Page - National Semiconductor (TI) PC87591E Datasheet HTML 370Page - National Semiconductor (TI) PC87591E Datasheet HTML 371Page - National Semiconductor (TI) PC87591E Datasheet HTML 372Page - National Semiconductor (TI) PC87591E Datasheet HTML 373Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 437 page
background image
Host-Controlled Modules and Host Interface (Continued)
Revision 1.07
369
www.national.com
RTC Control Register C (CRC)
Location: Index 0C16
Type: RO
3
Reserved. This bit is defined as “Square Wave Enable” by MC146818 and is not supported by the RTC. It is
always read as 0.
4
Update Ended Interrupt Enable. This interrupt is generated when an update occurs. It is cleared to 0 on RTC
reset (i.e., host domain reset) or when the RTC is disabled.
0: Disabled
1: Enabled
5
Alarm Interrupt Enable. This interrupt is generated immediately after a time update in which the seconds,
minutes, hours, date and month time equal their respective alarm counterparts. It is cleared to 0 as long as bit
7 of CRD register is 0.
0: Disabled
1: Enabled
6
Periodic Interrupt Enable. Bits 3-0 of CRA register determine the rate at which this interrupt is generated. It is
cleared to 0 on RTC reset (i.e., host domain reset) or when RTC is disabled.
0: Disabled
1: Enabled
7
Set Mode. This bit is reset at VPP Power-Up reset only.
0: Timing updates occur normally
1: User copy of time is “frozen”, allowing the time registers to be accessed whether or not an update occurs
Bit
76543210
Name
IRQF
Periodic
Interrupt
Flag
Alarm
Interrupt
Flag
Update
Ended
Interrupt
Flag
Reserved
Reset
00000000
Bit
Description
3-0
Reserved.
4
Update Ended Interrupt Flag. This RO bit is cleared to 0 on RTC reset (i.e., host domain reset) or when the
RTC is disabled. In addition, this bit is cleared to 0 when this register is read.
0: No update occurred since the last read
1: Time registers update
5
Alarm Interrupt Flag. This RO bit is cleared to 0 as long as bit 7 of CRD register is 0. In addition, this bit is
cleared to 0 when this register is read.
0: No alarm detected since the last read
1: Alarm condition detected
6
Periodic Interrupt Flag. This RO bit is cleared to 0 on RTC reset (i.e., host domain reset) or when the RTC is
disabled. In addition, this bit is cleared to 0 when this register is read.
0: No transition occurred on the selected tap since the last read
1: Transition occurred on the selected tap of the divider chain
7
IRQF (IRQ Flag). This RO bit mirrors the value of the interrupt output signal. When interrupt is active, IRQF is
1. To clear this bit (and deactivate the interrupt), read CRC register; this clears flags UF, AF and PF, which
results in IRQF being cleared, as well.
0: IRQ inactive
1: Logic equation is true: ((UIE and UF) or (AIE and AF) or (PIE and PF))
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com